Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1347-BTDT-1812 Datasheet(PDF) 7 Page - ams AG

Part # AS1347-BTDT-1812
Description  Dual Step-Down Converter with Battery Monitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1347-BTDT-1812 Datasheet(HTML) 7 Page - ams AG

Back Button AS1347-BTDT-1812 Datasheet HTML 3Page - ams AG AS1347-BTDT-1812 Datasheet HTML 4Page - ams AG AS1347-BTDT-1812 Datasheet HTML 5Page - ams AG AS1347-BTDT-1812 Datasheet HTML 6Page - ams AG AS1347-BTDT-1812 Datasheet HTML 7Page - ams AG AS1347-BTDT-1812 Datasheet HTML 8Page - ams AG AS1347-BTDT-1812 Datasheet HTML 9Page - ams AG AS1347-BTDT-1812 Datasheet HTML 10Page - ams AG AS1347-BTDT-1812 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
7 - 16
AS1346-49
Datasheet - Typical Operating Characteristics
Figure 9. AS1346 Load Regulation; VIN = 4.0V,
VOUT1 = 3.3V
Figure 10. AS1346 Load Regulation; VIN = 4.0V,
VOUT2 =1.8V
Figure 11. AS1346 Line Regulation, VOUT1 = 3.3V
Figure 12. AS1346 Line Regulation, VOUT2 = 1.8V
LDO mode
Figure 13. AS1346 VOUT vs. Temp.; VIN = 5.5V, IOUT = 1A
Figure 14. AS1346 VOUT vs. Temp.; VIN = 5.5V, IOUT = 500mA


Similar Part No. - AS1347-BTDT-1812

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1347-BTDT-1812

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
   STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099_14 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators with Battery Monitoring
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA Datasheet
969Kb / 7P
   dual PWM step-down converter
logo
National Semiconductor ...
LM2797 NSC-LM2797 Datasheet
388Kb / 14P
   120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
logo
Texas Instruments
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com