Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1331-BTDT-25 Datasheet(PDF) 7 Page - ams AG

Part # AS1331-BTDT-25
Description  300mA Buck-Boost Synchronous DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331-BTDT-25 Datasheet(HTML) 7 Page - ams AG

Back Button AS1331-BTDT-25 Datasheet HTML 3Page - ams AG AS1331-BTDT-25 Datasheet HTML 4Page - ams AG AS1331-BTDT-25 Datasheet HTML 5Page - ams AG AS1331-BTDT-25 Datasheet HTML 6Page - ams AG AS1331-BTDT-25 Datasheet HTML 7Page - ams AG AS1331-BTDT-25 Datasheet HTML 8Page - ams AG AS1331-BTDT-25 Datasheet HTML 9Page - ams AG AS1331-BTDT-25 Datasheet HTML 10Page - ams AG AS1331-BTDT-25 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com/DC-DC_Buck-Boost/AS1331
Revision 1.04
6 - 16
AS1331
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Circuit of Figure 24 on page 12, VIN = 2.4V, VOUT = 3.3V, TAMB = +25°C, unless otherwise specified.
Figure 3. Efficiency vs. Output Current; VOUT = 2.5V
Figure 4. Efficiency vs. Output Current; VOUT = 3.0V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.8V
Vi n =3.6V
Vi n =5.5V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.8V
Vi n =3.6V
Vi n =5.5V
Figure 5. Efficiency vs. Output Current; VOUT = 3.3V
Figure 6. Efficiency vs. Input Voltage
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vi n =1.8V
Vi n =3.6V
Vi n =5.5V
30
40
50
60
70
80
90
100
1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4
Input Voltage (V)
Iout =10mA
Iout =100mA
Iout =300mA
Figure 7. IOUT max vs. Input Voltage
Figure 8. Sleep Currents vs. Input Voltage
0
100
200
300
400
500
1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4
Input Voltage (V)
0
5
10
15
20
25
30
1.8 2.2
2.6 3.0 3.4
3.8 4.2
4.6 5.0 5.4
Input Voltage (V)
IVIN
IVOUT


Similar Part No. - AS1331-BTDT-25

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1331-BTDT-25 AMSCO-AS1331-BTDT-25 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
More results

Similar Description - AS1331-BTDT-25

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com