Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1323-BTTT-27 Datasheet(PDF) 5 Page - ams AG

Part # AS1323-BTTT-27
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323-BTTT-27 Datasheet(HTML) 5 Page - ams AG

  AS1323-BTTT-27 Datasheet HTML 1Page - ams AG AS1323-BTTT-27 Datasheet HTML 2Page - ams AG AS1323-BTTT-27 Datasheet HTML 3Page - ams AG AS1323-BTTT-27 Datasheet HTML 4Page - ams AG AS1323-BTTT-27 Datasheet HTML 5Page - ams AG AS1323-BTTT-27 Datasheet HTML 6Page - ams AG AS1323-BTTT-27 Datasheet HTML 7Page - ams AG AS1323-BTTT-27 Datasheet HTML 8Page - ams AG AS1323-BTTT-27 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
4 - 14
AS1323
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 DC Electrical Characteristics
TAMB = -40°C to +85°C, VBATT = 1.2V, VOUT = VOUT(NOM), SHDNN = VOUT, RLOAD =
, unless otherwise noted. Typical values are at TA =
25°C.(unless otherwise specified). Limits are 100% production tested at TAMB = 25ºC. Limits over the operating temperature range are
guaranteed by design.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VINMIN
Minimum Input Voltage
0.75
V
VIN
Operating Input Voltage
TAMB = 25ºC
0.95
2
V
VINSU
Minimum Start-Up
Input Voltage
TAMB = 25ºC,
RLOAD = 100
Ω
0.75
0.95
V
VOUT
Output Voltage
AS1323-27
2.619
2.7
2.781
V
AS1323-30
2.91
3.0
3.09
AS1323-33
3.201
3.3
3.399
RLOAD
Load depended drop
of VOUT
VBATT = 1.5V;
ILOAD = 45mA
30
40
mV
RDS-ON
N-Channel On-Resistance
0.5
1.0
Ω
P-Channel On-Resistance
0.75
1.5
Ω
ILIMIT
N-Channel Switch
Current Limit
Programmed at 400mA
400
mA
tON
Switch Maximum On-Time
6
µs
Synchronous Rectifier
Zero-Crossing Current
10
mA
IOP-OUT
Operating Current
into VBATT
VBATT = 1.5V, VOUT = 3.3V,
TAMB = 25ºC
6
µA
IQ-OUT
Quiescent Current to VOUT
1.6
3
µA
IQ-BAT
Quiescent Current into VBATT
VBATT = 1.5V, TAMB = 25ºC
0.3
1
µA
ISDI-OUT
1
1. VOUT is completely disconnected (0V) during shutdown.
Shutdown Current to VOUT
200
nA
ISDI-BAT
Shutdown Current into VBATT
VBATT = 1.5V, TAMB = 25ºC
100
nA
VIL
SHDNN Voltage Threshold, Low
150
mV
VIH
SHDNN Voltage Threshold, High
900
mV
ISDI
SHDNN Input Bias Current
TAMB = 25ºC, VSDI = VOUT
100
300
nA


Similar Part No. - AS1323-BTTT-27

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323-BTTT-27 AMSCO-AS1323-BTTT-27 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323-BTTT-27 AMSCO-AS1323-BTTT-27 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results

Similar Description - AS1323-BTTT-27

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC3130EUD-1 LINER-LTC3130EUD-1 Datasheet
558Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130 LINER-LTC3130 Datasheet
1Mb / 38P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130EUD LINER-LTC3130EUD Datasheet
330Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Linear Technology
LTC3103EDD LINER-LTC3103EDD Datasheet
283Kb / 6P
   1.8關A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com