Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1130D-BWLT Datasheet(PDF) 5 Page - ams AG

Part # AS1130D-BWLT
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130D-BWLT Datasheet(HTML) 5 Page - ams AG

  AS1130D-BWLT Datasheet HTML 1Page - ams AG AS1130D-BWLT Datasheet HTML 2Page - ams AG AS1130D-BWLT Datasheet HTML 3Page - ams AG AS1130D-BWLT Datasheet HTML 4Page - ams AG AS1130D-BWLT Datasheet HTML 5Page - ams AG AS1130D-BWLT Datasheet HTML 6Page - ams AG AS1130D-BWLT Datasheet HTML 7Page - ams AG AS1130D-BWLT Datasheet HTML 8Page - ams AG AS1130D-BWLT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
4 - 38
AS1130
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 2.7V to 5.5V, typ. values are at TAMB = +25ºC (unless otherwise specified). All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
85
°C
TJ
Operating Junction Temperature Range
-40
125
°C
VDD
Operating Supply Voltage
2.7
5.5
V
IDD
Operating Supply Current
All current sources turned ON
@ VDD = 5.5V
340
mA
All current sources turned OFF
@ VDD = 5.5V
0.5
IDDSSD
Software Shutdown Supply Current
All digital inputs at VDD or GND
@ VDD = 5.5V
7
15
A
IDDFSD
Full Shutdown Supply Current
Pin RSTN = 0V, TAMB = +25ºC
0.1
1
A
IDIGIT
Digit Drive Sink Current
(Drive capability of all sources of one digit
1
)
1. guaranteed by design
360
mA
ISEG
Segment Drive Source Current LED
2
2.
VOUT = 1.8V to VDD-400mV
28
30
32
mA
∆ISEG
Segment Drive Current Matching LED
1
%
Device to Device Current Matching LED
VOUT = 1.8V, VDD = 3.3V
1
%
ILEAK
Leakage Output Current
All current sources OFF, VOUT = 0V,
VDD = 5.5V, TAMB = +25ºC
0.005
0.5
A
∆ILNR
Line Regulation
VOUT = 1.8V
0.25
%/V
∆ILDR
Load Regulation
VOUT = 1.8V to VDD-400mV
0.25
%/V
VDSSAT
Saturation Voltage
Current = 30mA, VDD = 3.3V
200
mV
RDSON(N)
Resistance for NMOS
0.3
1
Open Detection Level Threshold
VDD-
0.4
VDD-
0.1
V
Short Detection Level Threshold
770
900
mV
fOSC
Oscillator Frequency
0.9
1
1.1
MHz
fREFRESH
Display Scan Rate
12x11 matrix
0.29
0.33
0.36
kHz
tRSTN
Reset Pulse Width Low
500
ns
I
SEG
I
max
I
min
I
max
I
min
+
---------------------------
100
×
=


Similar Part No. - AS1130D-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1130D-BWLT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
   Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
   Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
   12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
Mean Well Enterprises C...
HRP-150N MEANWELL-HRP-150N Datasheet
161Kb / 5P
   150W Single Output wi th PFC Funct ion
logo
ams AG
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
   64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
   64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com