Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1130C-BWLT Datasheet(PDF) 4 Page - ams AG

Part # AS1130C-BWLT
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130C-BWLT Datasheet(HTML) 4 Page - ams AG

  AS1130C-BWLT Datasheet HTML 1Page - ams AG AS1130C-BWLT Datasheet HTML 2Page - ams AG AS1130C-BWLT Datasheet HTML 3Page - ams AG AS1130C-BWLT Datasheet HTML 4Page - ams AG AS1130C-BWLT Datasheet HTML 5Page - ams AG AS1130C-BWLT Datasheet HTML 6Page - ams AG AS1130C-BWLT Datasheet HTML 7Page - ams AG AS1130C-BWLT Datasheet HTML 8Page - ams AG AS1130C-BWLT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
3 - 38
AS1130
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD to GND
-0.3
7
V
All other pins to GND
-0.3
7 or
VDD + 0.3
V
Sink Current
500
mA
Segment Current
100
mA
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge HBM
2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Junction Temperature
+150
ºC
Storage Temperature Range
-55
+125
ºC
for 20-pin WL-CSP
-55
+150
ºC
for 28-pin SSOP
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/JEDEC
J-STD-020“Moisture/Reflow Sensitivity Classification for
Non-Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
1
20-pin
WL-CSP
Represents a max. floor life time of unlimited
3
28-pin
SSOP
Represents a max. floor life time of 168h


Similar Part No. - AS1130C-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1130C-BWLT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
   Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
   Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
   12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
Mean Well Enterprises C...
HRP-150N MEANWELL-HRP-150N Datasheet
161Kb / 5P
   150W Single Output wi th PFC Funct ion
logo
ams AG
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
   64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
   64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com