Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXA91105S03 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PXA91105S03
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXA91105S03 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PXA91105S03 Datasheet HTML 7Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 8Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 9Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 10Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 11Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 12Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 13Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 14Page - List of Unclassifed Manufacturers PXA91105S03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Buccaneer® Connectors
www.Bulgin.co.uk
Tel: 020 8594 5588
23
Standard Buccaneer®
Specification
Electrical:
No Poles:
2, 3
4
6, 7
9
25
Current Rating:
10A
6A
3A
5A
1A
Voltage Rating (ac/dc):
250V
250V
250V
150V
50V
Contact Resistance:
<10m
Ω (2-9 Pole)
<5m
Ω (25 Pole)
Insulation Resistance:
>104M
Ω @ 500V d.c. (2-9 Pole)
AC Breakdown voltage:
4kV Pole - Pole (2-9 Pole)
6kV Poles - Panel (Low Profile Flange
and Panel Types – 2-9 Pole)
7.5kV Poles - Panel (Other Types –
2-9 Pole)
Operating Temp. Range:
–20°C to +70°C
Approvals:
Material:
Body Mouldings:
Glass Filled Polyamide UL94HB
Inserts (2-9 pole):
Glass Filled Polyamide UL94HB
Inserts (25 pole):
Polyamide UL94V-0
Contacts:
Screw Terminal:
Brass, Nickel Plated
Crimp (9 pole):
Copper Alloy, Tin Plated
Crimp/Solder (25 Pole):
Copper Alloy, Gold Plated
(0.1µm on Nickel)
BNC inserts:
Brass, Nickel Plated
BNC contacts:
Brass, Silver Plated
Mechanical:
Sealing:
IP68, BS 5490 : 1977 Tested @ 15lb/sq.in.
(10m depth) for 2 wks.
BSEN 60529 : 1992 Tested @ 140lb/sq.in.
(100m depth) for 12 hrs.
Cable Acceptance:
2-9 Pole - standard gland:
6-8mm dia
2-9 Pole - alternative glands:
3.5-9mm dia
25 Pole - standard gland:
7-9mm dim
25 Pole - alternative glands:
3.5-7mm dim
BNC 50
Ω:
RG 58/CU, URM43 & URM76
BNC 75
Ω:
URM70
Contact Accommodation:
2 and 3 pole:
4mm2 (12AWG) max
4, 6 and 7 pole:
1.5mm2 (16AWG) max
9 pole:
0.14-0.2mm2
25 pole:
0.21-0.081mm2
Terminations:
2-7 Pole:
Screw Terminals
9 Pole:
Crimp Contacts
25 Pole:
Crimp & Solder Contacts
Tightening Torques:
Flex Mounting/In-Line:
Gland Nut; 1.13Nm (10lbf.in.)
Panel Mounting:
Rear Fixing Nut;1.7Nm (15lbf.in.)
Surface/Bulkhead and Low
Profile Flange Mounting:
4 Fixing Screws (using washers supplied)
0.34Nm (3lbf.in.)
Sealings Caps/Locking Ring:
1.13Nm (10lbf.in.)
PNo. 12237
Cable Support Accessory
Boot PNo. 12855
12237 provides additional cable support.
Suitable for 5-7mm and 7-9mm cables.
12855 for panel mounting types only.
Cable Support Accessory
Gives Extra Support to the
Cable
Suitable for 5-7mm and
7-9mm Cable Diameters
PVC Insulation Boot
Protects Rear of the
Connector
Flammability Rating
UL94V-0
Fits Panel Mount Versions
only


Similar Part No. - PXA91105S03

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXA980 BULGIN-PXA980 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PXA91105S03

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com