Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1109-BSSU Datasheet(PDF) 4 Page - ams AG

Part # AS1109-BSSU
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSSU Datasheet(HTML) 4 Page - ams AG

  AS1109-BSSU Datasheet HTML 1Page - ams AG AS1109-BSSU Datasheet HTML 2Page - ams AG AS1109-BSSU Datasheet HTML 3Page - ams AG AS1109-BSSU Datasheet HTML 4Page - ams AG AS1109-BSSU Datasheet HTML 5Page - ams AG AS1109-BSSU Datasheet HTML 6Page - ams AG AS1109-BSSU Datasheet HTML 7Page - ams AG AS1109-BSSU Datasheet HTML 8Page - ams AG AS1109-BSSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
3 - 24
AS1109
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD to GND
-0.3
7
V
Input Voltage
-0.4
VDD + 0.4
V
Output Voltage
-0.4
15
V
GND Pin Current
1000
mA
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge HBM
2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Thermal Resistance
ΘJA
33
ºC/W
on PCB, 16-pin SOIC-150 package
113
ºC/W
on PCB, 16-pin QSOP-150 package
32
ºC/W
on PCB, 16-pin QFN (4x4mm) package
Storage Temperature Range
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
QFN and QSOP
1
Represents a maximum floor life time of unlimited
Moisture Sensitive
Layer (SOIC)
3
Represents a maximum floor life of 168h


Similar Part No. - AS1109-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109-BSSU AMSCO-AS1109-BSSU Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results

Similar Description - AS1109-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com