Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1106 Datasheet(PDF) 10 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 10 Page - ams AG

Back Button AS1106 Datasheet HTML 6Page - ams AG AS1106 Datasheet HTML 7Page - ams AG AS1106 Datasheet HTML 8Page - ams AG AS1106 Datasheet HTML 9Page - ams AG AS1106 Datasheet HTML 10Page - ams AG AS1106 Datasheet HTML 11Page - ams AG AS1106 Datasheet HTML 12Page - ams AG AS1106 Datasheet HTML 13Page - ams AG AS1106 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
9 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8.4 Shutdown Mode
The AS1106/AS1107 devices feature a shutdown mode, where they consume only 10µA (max) current. Shutdown mode is entered via a write to
the Shutdown Register (see Table 8). For the AS1106, at that point, all segment current sources are pulled to ground and all digit drivers are
connected to VDD, so that all segments are blanked. The AS1107 behavior is identical except the drivers are high impedance.
Note:
During shutdown mode the Digit-Registers maintain their data.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display (repeatedly entering and
leaving shutdown mode). For minimum supply current in shutdown mode, logic input should be at GND or VDD (CMOS logic level).
The devices need typically 250µs to exit shutdown mode, and during shutdown mode the AS1106/AS1107 is fully programmable. Only the
display test mode (see page 11) overrides shutdown mode.
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown Register bit D7 (page 10) =
0.
1
Note:
If the AS1106/AS1107 is used with an external clock, Shutdown Register bit D7 should be set to 1 when writing to the Shutdown Regis-
ter.
8.5 Digit- and Control-Registers
The AS1106/AS1107 devices contain 8 Digit-Registers and 6 control-registers, which are listed in Table 7. All registers are selected using a 4-bit
address word, and communication is done via the serial interface.
Digit Registers – These registers are realized with an on-chip 64-bit memory. Each digit can be controlled directly without rewriting the
whole register contents.
Control Registers – These registers consist of decode mode, display intensity, number of scanned digits, shutdown, display test and fea-
tures selection registers.
1. When Shutdown Register bit D7 = 1, the Feature Register is left unchanged when entering or leaving shutdown mode.
Table 7. Register Address Map
Register
HEX Code
Address
Page
D15:D12
D11
D10
D9
D8
No-Op
0xX0
X
0
000
13
Digit 0
0xX1
X
0
0
0
1
N/A
Digit 1
0xX2
X
0
0
1
0
N/A
Digit 2
0xX3
X
0
0
1
1
N/A
Digit 3
0xX4
X
0
1
0
0
N/A
Digit 4
0xX5
X
0
1
0
1
N/A
Digit 5
0xX6
X
0
1
1
0
N/A
Digit 6
0xX7
X
0
1
1
1
N/A
Digit 7
0xX8
X
1
0
0
0
N/A
Decode-Mode
0xX9
X
1
0
0
1
10
Intensity Control
0xXA
X
1
0
1
0
12
Scan Limit
0xXB
X
1
0
1
1
12
Shutdown
0xXC
X
1
1
0
0
10
N/A
0xXD
X
1
101
N/A
Feature
0xXE
X
1
1
1
0
13
Display Test
0xXF
X
1
1
1
1
11


Similar Part No. - AS1106

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
AS1106PE AMSCO-AS1106PE Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106PE AMSCO-AS1106PE Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
AS1106PL AMSCO-AS1106PL Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
More results

Similar Description - AS1106

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
ICM7211 MAXIM-ICM7211_05 Datasheet
8Mb / 16P
   Four Digit Display Decoder/Drivers
Rev 2; 11/05
ICM7211 MAXIM-ICM7211 Datasheet
668Kb / 16P
   Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com