Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1100WL Datasheet(PDF) 3 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 3 Page - ams AG

  AS1100WL Datasheet HTML 1Page - ams AG AS1100WL Datasheet HTML 2Page - ams AG AS1100WL Datasheet HTML 3Page - ams AG AS1100WL Datasheet HTML 4Page - ams AG AS1100WL Datasheet HTML 5Page - ams AG AS1100WL Datasheet HTML 6Page - ams AG AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
2 - 16
AS1100
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
DIN
Data input. Data is programmed into the 16Bit shift register on the rising CLK edge
2, 3, 5:8, 10, 11
DIG 0 : DIG 7
8 digit driver lines that sink the current from the common cathode of the display. In shutdown
mode the AS1100 switches the outputs to VDD.
4, 9
GND
Both GND pins must be connected.
12
LOAD/CS
Strobe input. With the rising edge of the LOAD signal the 16 bit of serial data is latched into
the register.
13
CLK
Clock input. The interface is capable to support clock frequencies up to 10MHz. The serial
data is clocked into the internal shift register with the rising edge of the CLK signal. On the
DOUT pin the data is applied with the falling edge of CLK.
14:17, 20:23
SEGA:G, DP
Seven segment driver lines including the decimal point. When a segment is turned off the
output is connected to GND.
18
ISET
The current into ISET determines the peak current through the segments and therefore the
brightness.
19
VDD
Positive Supply Voltage (+5V)
24
DOUT
Serial data output for cascading drivers. The output is valid after 16.5 clock cycles. The
output is never set to high impedance.
11
12
13
14
15
16
17
18
19
20
21
22
23
DIG4
AS1100
10
1
2
3
4
5
6
7
8
9
24 DOUT
DIN
DIG0
GND
DIG6
DIG2
GND
DIG3
LOAD
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
CLK
DIG7
DIG5
DIG1


Similar Part No. - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100WL AMSCO-AS1100WL Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL AMSCO-AS1100WL Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-TZ AMSCO-AS1100WL-TZ Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com