Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1100WL Datasheet(PDF) 8 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 8 Page - ams AG

Back Button AS1100WL Datasheet HTML 4Page - ams AG AS1100WL Datasheet HTML 5Page - ams AG AS1100WL Datasheet HTML 6Page - ams AG AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG AS1100WL Datasheet HTML 10Page - ams AG AS1100WL Datasheet HTML 11Page - ams AG AS1100WL Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
7 - 16
AS1100
Datasheet - D e t a i l e d D e s c r i p t i o n
8.5 Decode-Mode Register
In the AS1100 a BCD decoder is included. Every digit can be selected via register 09h to be decoded. The BCD code consists of the numbers 0-
9, E,H, L,P and -. In register 09h a logic high enables the decoder for the appropriate digit. In case that the decoder is bypassed (logic low) the
data Bits D7-D0 correspond to the segment lines of the AS1100. In Table 7 some possible settings for register 09h are shown. Bit D7, which
corresponds to the decimal point, is not affected by the settings of the decoder. Logic high means that the decimal point is displayed. In Table 8
the font of the Code B decoder is shown. In Table 9 the correspondence of the register to the appropriate segments of a 7 segment display is
shown (see Figure 6).
8.6 Intensity Control and Interdigit Blanking
Brightness of the display can be controlled in an analog way by changing the external resistor (RSET). The current, which flows between VDD
and ISET, defines the current that flows through the LEDs. The LED current is 100 times the ISET current. The minimum value of RSET should
be 9.53k
Ω, which corresponds to 40mA segment current. The brightness of the display can also be controlled digitally via register 0Ah. The
brightness can be programmed in 16 steps and is shown in Table 10. An internal pulse width modulator controls the intensity of the display.
8.7 Scan-Limit Register
The scan limit register 0Bh selects the number of digits displayed. When all 8 digits are displayed the update frequency is typically 800Hz. If the
number of digits displayed is reduced, the update frequency is reduced as well. The frequency can be calculated using 8fOSC/N, where N is the
number of digits. Since the number of displayed digits influences the brightness, the resistor RSET should be adjusted accordingly. The Table 12
shows the maximum allowed current, when fewer than 4 digits are used. To avoid differences in brightness the scan limit register should not be
used to blank portions of the display (leading zeros).
Table 5. Register Address Map
Register
Address
Hex
Code
D15-D12
D11
D10
D9
D8
No-Op
X
0
0
0
0
0xX0
Digit 0
X
0
0
0
1
0xX1
Digit 1
X
0
0
1
0
0xX2
Digit 2
X
0
0
1
1
0xX3
Digit 3
X
0
1
0
0
0xX4
Digit 4
X
0
1
0
1
0xX5
Digit 5
X
0
1
1
0
0xX6
Digit 6
X
0
1
1
1
0xX7
Digit 7
X
1
0
0
0
0xX8
Decode Mode
X
1
0
0
1
0xX9
Intensity
X
1
0
1
0
0xXA
Scan Limit
X
1
0
1
1
0xXB
Shutdown
X
1
1
0
0
0xXC
Not used
X
1
1
0
1
0xXD
Reset and ext. Clock
X
1
1
1
0
0xXE
Display Test
X
1
1
1
1
0xXF
Table 6. Shutdown Register Format (address (hex) = 0xXC
Mode
Address Code
(Hex)
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode
0xXC
X
X
X
X
X
X
X
0
Normal Operation
0xXC
X
X
X
X
X
X
X
1


Similar Part No. - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100WL AMSCO-AS1100WL Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL AMSCO-AS1100WL Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-TZ AMSCO-AS1100WL-TZ Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com