Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR72-8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCR72-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR72-8 Datasheet(HTML) 3 Page - ON Semiconductor

  MCR72-8 Datasheet HTML 1Page - ON Semiconductor MCR72-8 Datasheet HTML 2Page - ON Semiconductor MCR72-8 Datasheet HTML 3Page - ON Semiconductor MCR72-8 Datasheet HTML 4Page - ON Semiconductor MCR72-8 Datasheet HTML 5Page - ON Semiconductor MCR72-8 Datasheet HTML 6Page - ON Semiconductor MCR72-8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCR72−3, MCR72−6, MCR72−8
http://onsemi.com
3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.2
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
60
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8″ from Case for 10 Secs
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (Note 2)
(VAK = Rated VDRM or VRRM; RGK = 1 kW)TJ = 25°C
TJ = 110°C
IDRM, IRRM
10
500
mA
mA
High Logic Level Supply Current from VCC
ICCH
4
4
mA
mA
ON CHARACTERISTICS
Peak Forward On-State Voltage
(ITM = 16 A Peak, Pulse Width p1 ms, Duty Cycle p2%)
VTM
1.7
2.0
V
Gate Trigger Current (Continuous dc) (Note 3)
(VD = 12 V, RL = 100 W)
IGT
30
200
mA
Gate Trigger Voltage (Continuous dc) (Note 3)
(VD = 12 V, RL = 100 W)
VGT
0.5
1.5
V
Gate Non−Trigger Voltage
(VD = 12 Vdc, RL = 100 W, TJ = 110°C)
VGD
0.1
V
Holding Current
(VD = 12 V, Initiating Current = 200 mA, RGK = 1 kW)
IH
6.0
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 16 A, IG = 2 mA)
tgt
1.0
ms
DYNAMIC CHARACTERISTICS
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, RGK = 1 kW, TJ = 110°C, Exponential Waveform)
dv/dt
10
V/ms
2. Ratings apply for negative gate voltage or RGK =1kW. Devices shall not have a positive gate voltage concurrently with a negative voltage
on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the
voltage applied exceeds the rated blocking voltage.
3. RGK current not included in measurement.


Similar Part No. - MCR72-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR72-8 ONSEMI-MCR72-8 Datasheet
80Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
January, 2015 ??Rev. 5
MCR72-8 ONSEMI-MCR72-8 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
Digitron Semiconductors
MCR72-8 DIGITRON-MCR72-8 Datasheet
223Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR72-8 NJSEMI-MCR72-8 Datasheet
84Kb / 2P
   Silicon Controlled Rectifiers
MCR72-8 NJSEMI-MCR72-8 Datasheet
76Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - MCR72-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com