Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC123F02J00F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC123F02J00F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123F02J00F Datasheet(HTML) 4 Page - Sharp Corporation

  PC123F02J00F Datasheet HTML 1Page - Sharp Corporation PC123F02J00F Datasheet HTML 2Page - Sharp Corporation PC123F02J00F Datasheet HTML 3Page - Sharp Corporation PC123F02J00F Datasheet HTML 4Page - Sharp Corporation PC123F02J00F Datasheet HTML 5Page - Sharp Corporation PC123F02J00F Datasheet HTML 6Page - Sharp Corporation PC123F02J00F Datasheet HTML 7Page - Sharp Corporation PC123F02J00F Datasheet HTML 8Page - Sharp Corporation PC123F02J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Sheet No.: D2-A09401EN
PC123N02J00F Series
repeats in a 20 year cycle
1st digit
2nd digit
Year of production
Month of production
A.D.
Mark
A.D.
Mark
Month
Mark
1990
A
2002
P
January
1
1991
B
2003
R
February
2
1992
C
2004
S
March
3
1993
D
2005
T
April
4
1994
E
2006
U
May
5
1995
F
2007
V
June
6
1996
H
2008
W
July
7
1997
J
2009
X
August
8
1998
K
2010
A
September
9
1999
L
2011
B
October
O
2000
M
2012
C
November
N
2001
N
:
:
December
D
Date code (2 digit)
Rank mark
Refer to the Model Line-up table.
Factory identification Mark
Country of origin
Plating material
no mark
Japan
SnCu (Cu : TYP. 2%)
or
Indonesia
SnBi (Bi : TYP. 2%)
or
China
SnCu (Cu : TYP. 2%)*
SnCu (Cu : TYP. 2%)
* Up to Date code "T4" (April 2005), SnBi (Bi : TYP. 2%).
** This factory marking is for identification purpose only.
Please contact the local SHARP sales representative to see the actural status of the production.
Factory identification mark and Plating material


Similar Part No. - PC123F02J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123F SHARP-PC123F Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FJ0000F SHARP-PC123FJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123F02J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com