Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G50DFT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC1G50DFT2
Description  Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G50DFT2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G50DFT2 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G50DFT2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHC1G50
http://onsemi.com
4
VCC
GND
50%
50% VCC
AorB
Y
tPLH
tPHL
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Switching Waveforms
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Order Number
Device Nomenclature
Package Type
Tape and
Reel Size
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
MC74VHC1G50DFT1
MC
74
VHC1G
50
DF
T1
SC--88A /
SOT--353 / SC--70
178 mm (7”)
3000 Unit
MC74VHC1G50DFT2
MC
74
VHC1G
50
DF
T2
SC--88A /
SOT--353 / SC--70
178 mm (7”)
3000 Unit
MC74VHC1G50DTT1
MC
74
VHC1G
50
DT
T1
TSOP--5 / SOT--23
/SC--59
178 mm (7”)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74VHC1G50DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DFT2 ONSEMI-MC74VHC1G50DFT2 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT2 ONSEMI-MC74VHC1G50DFT2 Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT2 ONSEMI-MC74VHC1G50DFT2 Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
More results

Similar Description - MC74VHC1G50DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
PHOENIX CONTACT
2908283 PHOENIX-2908283 Datasheet
83Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/40
2907913 PHOENIX-2907913 Datasheet
82Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com