Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4051DTG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74LVXT4051DTG
Description  Analog Multiplexer Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051DTG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74LVXT4051DTG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 11Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 12Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC74LVXT4051
http://onsemi.com
9
Figure 12. Break−Before−Make, Test Set−Up
Figure 13. Break−Before−Make Time
ON
OFF
6
7
8
VCC
VEE
9 − 11
Tek 11801B
DSO
COM
INPUT
16
RL
CL
VIN
50 W
VIN
80%
VCC
tBBM
80% of
VOH
Figure 14. Propagation Delays, Channel Select
to Analog Out
Figure 15. Propagation Delay, Test Set−Up
Channel Select to Analog Out
VCC
GND
CHANNEL
SELECT
ANALOG
OUT
50%
tPLH
tPHL
50%
ON/OFF
6
7
8
16
VCC
CL*
CHANNEL SELECT
TEST
POINT
COMMON
OFF/ON
ANALOG I/O
VCC
ON/OFF
6
7
8
ENABLE
VCC
ENABLE
90%
50%
10%
tf
tr
VCC
GND
ANALOG
OUT
tPZL
ANALOG
OUT
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
ANALOG I/O
CL*
TEST
POINT
16
VCC
1 KW
1
2
1
2
POSITION 1 WHEN TESTING tPHZ AND tPZH
POSITION 2 WHEN TESTING tPLZ AND tPZL
GND
GND
O/I
Channel Selects connected
to VIN and appropriately
configured to test each switch.
VOH
*Includes all probe and jig capacitance.
Figure 16. Propagation Delays, Enable to
Analog Out
Figure 17. Propagation Delay, Test Set−Up
Enable to Analog Out


Similar Part No. - MC74LVXT4051DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051DTG ONSEMI-MC74LVXT4051DTG Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVXT4051DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com