Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4053DR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74LVX4053DR2G
Description  Analog Multiplexer Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4053DR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVX4053DR2G Datasheet HTML 6Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 7Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 8Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 9Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 10Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 11Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 12Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 13Page - ON Semiconductor MC74LVX4053DR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC74LVX4053
http://onsemi.com
10
Figure 18. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 19. Total Harmonic Distortion, Test Set−Up
6
7
8
9 − 11
HP3466
DMM
16
50 KW
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


Similar Part No. - MC74LVX4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4053DR2G ONSEMI-MC74LVX4053DR2G Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4053DR2G ONSEMI-MC74LVX4053DR2G Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results

Similar Description - MC74LVX4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com