Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040D Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM4040D
Description  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040D Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM4040D Datasheet HTML 6Page - ON Semiconductor LM4040D Datasheet HTML 7Page - ON Semiconductor LM4040D Datasheet HTML 8Page - ON Semiconductor LM4040D Datasheet HTML 9Page - ON Semiconductor LM4040D Datasheet HTML 10Page - ON Semiconductor LM4040D Datasheet HTML 11Page - ON Semiconductor LM4040D Datasheet HTML 12Page - ON Semiconductor LM4040D Datasheet HTML 13Page - ON Semiconductor LM4040D Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM4040, LM4041
http://onsemi.com
10
Device Description
The LM404x shunt references use ON Semiconductor’s
floating gate (EEPROM) technology to produce a capacitor
which stores an accurate and stable voltage that is used as the
reference voltage for a control amplifier and shunt
N−channel FET.
Figure 12. Functional Block Diagram
VREF
+
+
+
The device operates like a zener diode; maintaining a
fixed voltage across its output terminals when biased with
60
mA to 15 mA of reverse current. The LM404x will also
act like a silicon diode when forward biased with currents up
to 10 mA.
Applications Information
The LM404x’s internal pass transistor maintains a
constant output voltage by sinking the necessary amount of
current across a source resistor. The source resistance (RS)
is set by the load current range (ILOAD), supply voltage (VS)
variations, LM404x’s terminal voltage (VR), and desired
quiescent current.
Figure 13. Typical Operating Circuit
ISHUNT
ILOAD
RS
VS
VR
To select a value of RS, set VS at its minimum value and
ILOAD at its maximum. Be sure to maintain a minimum
operating current of 60
mA through LM404x at all times, as
LM404x uses this current to power its internal circuitry. The
RS value should be large enough to keep ISHUNT less than
15 mA for proper regulation when VS is maximum and
ILOAD is at a minimum. Therefore, the value of RS is
bounded by the following equation:
VS(min) * VR
60 mA ) ILOAD(max)
u RS
and
RS u
VS(max) * VR
15 mA ) ILOAD(min)
Choosing a larger resistance minimizes the power
dissipated in the circuit by reducing the shunt current.
Output Capacitance
The LM404x does not require an external capacitor for
frequency stability and is stable for any output capacitance.
Effect of Temperature
LM404x has an output voltage temperature coefficient of
typically
±15 to ±30 ppm/°C meaning the LM404x’s output
voltage will change by 50 – 100
mV/°C for a 3.300 V
regulator. The polarity of this temperature induced voltage
shift can vary from device to device, some moving in the
positive direction and others in the negative direction.


Similar Part No. - LM4040D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040D ZETEX-LM4040D Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Silicon Supplies
LM4040D-1.2 SS-LM4040D-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.2 28/07/22
LM4040D-10 SS-LM4040D-10 Datasheet
420Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040D-2.5 SS-LM4040D-2.5 Datasheet
596Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040D-4.1 SS-LM4040D-4.1 Datasheet
673Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
More results

Similar Description - LM4040D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com