Electronic Components Datasheet Search |
|
LC898300XA-MH Datasheet(PDF) 5 Page - ON Semiconductor |
|
LC898300XA-MH Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 7 page LC898300XA No.A2053-5/7 I 2C Serial Interface Writing format (Sequential Writing is possible) After the start condition, slave address (7bit) and “L”(Write mode) are received , the flag “ACK=L” is replied. Next, after the 8bit address is received, the flag “ACK=L” is replied. Next, after the 8bit write data is received, the flag “ACK=L” is replied. Next, when the stop condition is received, the write data can be written in the specified address. Moreover, it is possible to write data in the incremental address by the continuous input of the 8bit data confirming the flag “ACK=L” after the every 8bit write data input. Reading format (Sequential Reading is possible) After the dummy writing, the start condition, slave address (7bit) and “H”(Read mode) are received, the flag “ACK=L” is replied. Next, the 8bit read data is output. After them, when the stop condition is not received, and the read condition is continued, the read data of incremental address is output one by one. The read condition is end when the end condition is received after the flag “ACK=H”. Slave Address The Slave Address is as follows. Slave Address 1001001 AC K START SLAVE ADDRESS ADDR(N) L AC K AC K AC K AC K ADDR(N) WRITE DATA ADDR(N+1) WRITE DATA ADDR(N+2) WRITE DATA STOP SDA SCL AC K START SLAVE ADDRESS ADDR(N) L AC K ADDR(N) READ DATA ADDR(N+1) READ DATA ADDR(N+2) READ DATA END SDA SCL AC K START SLAVE ADDRESS H AC K Dummy writing *1 AC K AC K ADDR(N+3) READ DATA AC K *1 SDA SCL |
Similar Part No. - LC898300XA-MH |
|
Similar Description - LC898300XA-MH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |