Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75106V Datasheet(PDF) 7 Page - ON Semiconductor

Part # LC75106V
Description  Digital Echo LSI with Built-in Mic Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75106V Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC75106V Datasheet HTML 3Page - ON Semiconductor LC75106V Datasheet HTML 4Page - ON Semiconductor LC75106V Datasheet HTML 5Page - ON Semiconductor LC75106V Datasheet HTML 6Page - ON Semiconductor LC75106V Datasheet HTML 7Page - ON Semiconductor LC75106V Datasheet HTML 8Page - ON Semiconductor LC75106V Datasheet HTML 9Page - ON Semiconductor LC75106V Datasheet HTML 10Page - ON Semiconductor LC75106V Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LC75106V
No. A2153-7/15
Continued from the previous page.
Pin No.
Pin Name
Voltage
Description
Equivalent circuit
13
14
LPF1
LPF2
LPF input terminal 1
LPF input terminal 2
15
24
D/A
A/D
Terminal for A/D
Terminal for D/A
16
GND
Analog GND
17
18
NC/RCHIN
NC/LCHIN
Rch input terminal
Lch input terminal
19
SDA
0V/3.3V
I
2C bus SDA terminal
20
21
SCL
CS
0V/3.3V
I
2C bus SCL terminal
MODE select terminal
22
OSC
Oscillator circuit adjustment terminal
Continued to the next page.
13
14
15
24
17
18
19
20
21
22


Similar Part No. - LC75106V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
   Digital Echo LSI with Built-in Mic Amplifier
More results

Similar Description - LC75106V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
   Digital Echo LSI with Built-in Mic Amplifier
logo
Renesas Technology Corp
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
   Digital Echo with Mic-mixing Circuit
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
   Digital Echo with MIC Mixing Amp
PT2390 PTC-PT2390 Datasheet
202Kb / 7P
   Echo IC with Built-in Microphone Amplifier & Output Mixer
logo
Asahi Kasei Microsystem...
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AKD4673-A AKM-AKD4673-A Datasheet
1Mb / 48P
   stereo CODEC with built-in MIC/HP amplifier and TSC
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Asahi Kasei Microsystem...
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com