Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVU150A Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TVU150A
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TVU150A Datasheet(HTML) 1 Page - Advanced Semiconductor

  TVU150A Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
60
V
BVCEO
IC = 100 mA
30
V
BVEBO
IE = 10 mA
3.0
V
ICES
VCE = 28 V
10
mA
hFE
VCE = 5.0 V
IC = 3.0 A
15
70
---
COB
VCB = 28 V
f = 1.0 MHz
100
pF
PG
VCE = 28 V
IC = 2 X 500 mA
f = 860 MHz
POUT = 150 W
6.5
dB
NPN SILICON RF POWER TRANSISTOR
TVU150A
DESCRIPTION:
The
ASI TVU150A is Designed for
FEATURES:
• Input Matching Network
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
25 A
VCBO
60 V
VCEO
30 V
VEBO
3.0 V
PDISS
310 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
0.55
OC/W
PACKAGE STYLE .450 BAL FLG(B)
ORDER CODE: ASI10653
MINIMUM
inches / mm
.411 / 10.44
.825 / 20.96
B
C
D
E
F
G
A
MAXIMUM
.865 / 21.97
.421 / 10.69
inches / mm
H
DIM
K
L
I
J
.002 / 0.05
.095 / 2.41
.006 / 0.15
.105 / 2.67
.250 / 6.35
M
.373 / 9.47
.385 / 9.78
.115 / 2.92
.135 / 3.43
.457 / 11.61
.445 / 11.30
1.675 / 42.55
1.685 / 42.80
.205 / 5.21
A
B
.120 x 45°
C
.050 NOM.
F
G
H
I
J K
L
M
4X.060 R
.210
.208
D
E
FULL R
.525 / 13.34
.535 / 13.59
1.265 / 32.18
1.255 / 31.88
.120 / 3.25
.130 / 3.30


Similar Part No. - TVU150A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TVU150A ASI-TVU150A Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
TVU150A ASI-TVU150A_07 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - TVU150A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com