Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C118-20 Datasheet(PDF) 2 Page - API Technologies Corp

Part # C118-20
Description  DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C118-20 Datasheet(HTML) 2 Page - API Technologies Corp

  C118-20 Datasheet HTML 1Page - API Technologies Corp C118-20 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
DIRECTIONAL COUPLER
SPECIFICATION
BROADBAND, 6 - 20 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Model
Dimensions (See Drawing)
Weights
Numbers
A”
A (cm)
B”
B (cm)
C”
C (cm)
D”
D (cm)
Ounces
Grams
C112, 118
3.43
(8,71)
2.31
(5,87)
2.93
(7,44)
.56
(1,42)
1.6
45
C218
1.98
(5,03)
.95
(2,41)
1.48
(3,76)
.51
(1,30)
1.1
31
C0518
4.50
(11,43)
3.00
(7,62)
4.00
(10,16)
.75
(1,91)
2.1
59
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 070810
OUTLINE DRAWING


Similar Part No. - C118-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
168Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results

Similar Description - C118-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C0518 APITECH-C0518 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-11 APITECH-C218-11 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-10 APITECH-C218-10 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-21 APITECH-C118-21 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-17 APITECH-C118-17 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-16 APITECH-C118-16 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-10 APITECH-C118-10 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C112-6 APITECH-C112-6 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C112-7 APITECH-C112-7 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-6 APITECH-C218-6 Datasheet
168Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com