Electronic Components Datasheet Search |
|
EMC1412-A-AC3-TR Datasheet(PDF) 10 Page - Microchip Technology |
|
EMC1412-A-AC3-TR Datasheet(HTML) 10 Page - Microchip Technology |
10 / 47 page Multiple Channel 1°C Temperature Sensor with Beta Compensation Datasheet Revision 1.41 (02-23-12) 10 SMSC EMC1412 DATASHEET Chapter 4 Electrical Specifications 4.1 Absolute Maximum Ratings Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress rating only and functional operation of the device at any other condition above those indicated in the operation sections of this specification is not implied. Note 4.1 For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, THERM, and ALERT), the pull-up voltage must not exceed 3.6V when the device is unpowered. Table 4.1 Absolute Maximum Ratings DESCRIPTION RATING UNIT Supply Voltage (VDD) -0.3 to 4.0 V Voltage on 5V tolerant pins (V5VT_pin) -0.3 to 5.5 V Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 4.1)0 to 3.6 V Voltage on any other pin to Ground -0.3 to VDD +0.3 V Operating Temperature Range -40 to +125 °C Storage Temperature Range -55 to +150 °C Lead Temperature Range Refer to JEDEC Spec. J-STD-020 Package Thermal Characteristics for MSOP-8 Thermal Resistance ( θ j-a) 140.8 °C/W Package Thermal Characteristics for TDFN-8 Thermal Resistance ( θ j-a)89 °C/W ESD Rating, All pins HBM 2000 V |
Similar Part No. - EMC1412-A-AC3-TR |
|
Similar Description - EMC1412-A-AC3-TR |