Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE0402FRE131KL Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RE0402FRE131KL
Description  THICK FILM CHIP RESISTORS Precision grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RE0402FRE131KL Datasheet(HTML) 7 Page - YAGEO Corporation

  RE0402FRE131KL Datasheet HTML 1Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 2Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 3Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 4Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 5Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 6Page - YAGEO Corporation RE0402FRE131KL Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 10, 2010 V.0
Product specification
7
7
SERIES
RE
0402 to 1206
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
Dec 10, 2010 -
- New datasheet for thick film ultra precision chip resistors sizes of
0201/0402/0603/0805/1206, 0.5%, 1%, TC50 with lead-free terminations
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - RE0402FRE131KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RE012020BB10013BF1 VISHAY-RE012020BB10013BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10014BF1 VISHAY-RE012020BB10014BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10015BF1 VISHAY-RE012020BB10015BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10025013BF1 VISHAY-RE012020BB10025013BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10025014BF1 VISHAY-RE012020BB10025014BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
More results

Similar Description - RE0402FRE131KL

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com