Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ5066 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ5066
Description  60A DrMOS Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5066 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ5066 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5066 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AOZ5066
Rev. 1.0 August 2013
www.aosmd.com
Page 3 of 16
Pin Description
Functional Block Diagram
Pin Number
Pin Name
Pin Function
1
SMOD
Skip Mode input. When the pin is held active low, Diode Emulation or Skip Mode is enabled for
the LS FET.
2
VCIN
Control supply input. Nominal 5V. Can be derived from the gate drive supply VDRV with an RC
filter for noise bypass.
3
VDRV
Gate drive supply input. Nominal 5V.
4
BOOT
Gate drive supply for the HS FET. Nominal 5V. The bootstrap diode is internal to the module.
Connect a 0.1
F or higher ceramic capacitor between VSWH node at pin 7.
5, 37
CGND
Control or analog ground for return of control signals and bypass capacitors.
Attached to exposed pad in the driver section.
6
GH
Gate of the HS FET. Used for module testing during production. No user connections.
7
VSWH
Switching or the phase node for bootstrap capacitor connection.
8 to 14
VIN
Power input to the switching MOSFETs. Attached to the HS FET drain tab.
15
VSWH
Switching or the phase node pin. Not for power connections.
16 to 28
PGND
Power ground. Internally connected to control GND of pin 37.
29 to 35
VSWH
Switching or phase node connected to source of high side MOSFET and drain of the low side
MOSFET. Electrically attached to the LS FET drain tab.
36
GL
Gate of the LS FET. Used for module testing during production. No user connections.
38
THDN
Open drain output of the thermal shutdown circuit. Active low.
39
DISB#
Disable pin for the controller. Both gates are held active low when DISB# is grounded.
40
PWM
Pulse Width Modulated Tri State input from external controller.
VDRV
BOOT
VIN
VSWH
PGND
VCIN
PWM
DISB#
SMOD
THDN
VDRV
CGND
Temp
SHDN
VCIN
UVLO
Complementary
Control Logic
Shoot
Through
Control


Similar Part No. - AOZ5066

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5066QI AOSMD-AOZ5066QI Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
AOZ5066QI-01 AOSMD-AOZ5066QI-01 Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
More results

Similar Description - AOZ5066

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
   35A DrMOS Power Module
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5118QI-01 AOSMD-AOZ5118QI-01 Datasheet
2Mb / 18P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com