Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ6186 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ6186
Description  High-Speed USB 2.0 (480 Mbps) DPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6186 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ6186 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6186 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. 1.1 July 2011
www.aosmd.com
Page 5 of 10
AOZ6186
Time (ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
480-Mbps USB Signal Without AOZ6186QT
Time (ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
480-Mbps USB Signal With AOZ6186QT
Eye Patterns


Similar Part No. - AOZ6186

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184QT AOSMD-AOZ6184QT Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
   High-Speed USB and Audio DPDT Switch
More results

Similar Description - AOZ6186

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
   High-Speed USB 2.0(480 Mbps) DPDT Switches
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
   High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com