Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1608B47NJT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLG1608B47NJT
Description  SMD Inductors(Coils) For High Frequency(Multilayer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1608B47NJT Datasheet(HTML) 3 Page - TDK Electronics

  MLG1608B47NJT Datasheet HTML 1Page - TDK Electronics MLG1608B47NJT Datasheet HTML 2Page - TDK Electronics MLG1608B47NJT Datasheet HTML 3Page - TDK Electronics MLG1608B47NJT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
006-01 / 20080406 / e521_mlg1608.fm
• All specifications are subject to change without notice.
L, Q vs. FREQUENCY CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
Part No.
Inductance(nH)typ.
Q typ.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
MLG1608B1N0ST
1.0
1.0
1.0
1.0
1.0
39
48
77
82
95
MLG1608B1N2ST
1.2
1.1
1.2
1.2
1.2
28
35
57
60
68
MLG1608B1N5ST
1.5
1.5
1.5
1.5
1.5
37
48
78
81
93
MLG1608B1N8ST
1.8
1.8
1.8
1.8
1.8
38
48
77
81
95
MLG1608B2N2ST
2.2
2.1
2.2
2.2
2.2
44
54
88
91
107
MLG1608B2N7ST
2.6
2.6
2.7
2.7
2.8
40
51
79
81
94
MLG1608B3N3ST
3.2
3.2
3.3
3.3
3.4
38
48
76
79
91
MLG1608B3N9ST
3.8
3.8
4.0
4.0
4.1
40
50
79
81
93
MLG1608B4N7ST
4.6
4.6
4.9
5.0
5.2
41
51
76
79
88
MLG1608B5N6DT
5.4
5.5
5.8
5.9
6.2
37
46
69
71
79
MLG1608B6N8DT
6.6
6.7
7.3
7.5
8.0
38
47
67
68
74
MLG1608B8N2DT
8.0
8.1
8.9
9.3
10
39
48
67
68
71
MLG1608B10NJT
9.8
10.0
11.5
12.1
13.6
38
47
63
63
61
MLG1608B12NJT
11.8
12.1
14.8
16.0
19.3
39
48
59
57
51
MLG1608B15NJT
14.8
15.4
20.6
23.4
32.2
38
46
49
46
34
MLG1608B18NJT
17.8
18.5
25.5
29.3
42.2
36
44
47
42
30
MLG1608B22NJT
21.9
22.9
33.6
40.2
66.8
36
44
43
38
23
MLG1608B27NJT
27.1
28.8
50.6
68.5
277.8
37
43
34
26
7
MLG1608B33NJT
33.4
36.0
76.7
125.1
37
43
27
17
MLG1608B39NJT
40.2
45.0
209.9
36
40
11
MLG1608B47NJT
49.1
56.0
38
41
3
MLG1608B56NJT
59.6
71.1
37
38
MLG1608B68NJT
74.0
92.8
34
33
MLG1608B82NJT
91.1
120.6
33
31
MLG1608BR10JT
118
182
35
28
MLG1608SR12JT
188
23
MLG1608SR15JT
283
19
MLG1608SR18JT
455
14
MLG1608SR22JT
771
9
MLG1608SR27JT
3
MLG1608SR33JT
MLG1608SR39JT
MLG1608SR47JT
MLG1608SR56JT
MLG1608SR68JT
1
0
10
100
1000
10
100
1000
10000
Frequency(MHz)
1
0
10
100
1000
10
100
1000
10000
Frequency(MHz)
33nH
10nH
3.3nH
100nH
270nH
1.0nH
10
100
1000
10000
0
10
20
30
40
50
Frequency(MHz)
33nH
10nH
3.3nH
100nH
270nH
1.0nH


Similar Part No. - MLG1608B47NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
More results

Similar Description - MLG1608B47NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S TDK-MLG1005S Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com