Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1608B27NJT Datasheet(PDF) 1 Page - TDK Electronics

Part # MLG1608B27NJT
Description  SMD Inductors(Coils) For High Frequency(Multilayer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1608B27NJT Datasheet(HTML) 1 Page - TDK Electronics

  MLG1608B27NJT Datasheet HTML 1Page - TDK Electronics MLG1608B27NJT Datasheet HTML 2Page - TDK Electronics MLG1608B27NJT Datasheet HTML 3Page - TDK Electronics MLG1608B27NJT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(1/4)
006-01 / 20080406 / e521_mlg1608.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For High Frequency(Multilayer)
MLG Series MLG1608
FEATURES
• Nominal inductance values are supported from 1 to 680nH.
• Provides high Q characteristics.
• Advanced monolithic structure is formed using a multilayering
and sintering process with ceramic and conductive materials for
high-frequency.
• It is a product conforming to RoHS directive.
APPLICATIONS
For high-frequency applications including mobile phones, high
frequency modules (PA, VCO, FEM etc.), Bluetooth, W-LAN, UWB
and tuners.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Material code
(4) Inductance value
(5) Inductance tolerance
(6) Packaging style
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the
temperature difference between the solder temperature and
product temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• When hand soldering, apply the soldering iron to the printed
circuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
1.6±0.15
0.3±0.2
Weight: 4mg
Dimensions in mm
2.0
0.8
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
1608
1.6
× 0.8mm (L× W)
2N2
2.2nH
12N
12nH
R10
100nH
S
±0.3nH
D
±0.5nH
J±5%
T
Taping (reel)
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C [Unit of products]
Packaging style
Quantity
Taping
4000 pieces/reel
MLG 1608 B 2N2
S
T
(1)
(2)
(3)
(4)
(5) (6)
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MLG1608B27NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1608B2N2DT TDK-MLG1608B2N2DT Datasheet
36Kb / 2P
   For High Frequency SMD
MLG1608B2N2DT TDK-MLG1608B2N2DT Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B2N2DT TDK-MLG1608B2N2DT Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B2N2JT TDK-MLG1608B2N2JT Datasheet
36Kb / 2P
   For High Frequency SMD
MLG1608B2N2JT TDK-MLG1608B2N2JT Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
More results

Similar Description - MLG1608B27NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S TDK-MLG1005S Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com