Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM21A Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GRM21A
Description  Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM21A Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM21A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM21A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
30pFmin. : Q
U1000
30pFmax. : Q
U400W20C
C : Nominal Capacitance (pF)
[R6, R7]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V :
0.05max. (C
F3.3µF)
0.1max. (C
U3.3µF)
[E4]
W.V. : 25Vmin. : 0.025max.
[F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.10µF)
: 0.09max. (C
U0.10µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3Vmax. : 0.15max.
No defects or abnormalities
Within the specified tolerance
No removal of the terminations or other defect should occur.
Adhesive Strength
of Termination
Vibration
Resistance
Deflection
10
11
12
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2 using a eutectic solder. Then apply a force in the
direction shown in Fig. 3. The soldering should be done either
with an iron or using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Solder the capacitor to the test jig (glass epoxy board) in the
same manner and under the same conditions as (10). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually perpendic-
ular directions (total of 6 hours).
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder. Then apply 10N
* force in parallel
with the test jig for 10
T1sec. The soldering should be done
either with an iron or using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
*2N (GRp03) 5N (GRp15,
GRM18)
High Dielectric Type
Appearance
Capacitance
Q/D.F.
c
Baked electrode or
copper foil
Solder resist
(in mm)
Fig. 1
b
a
c
100
φ4.5
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed : 1.0mm/sec.
Pressurize
45
45
Fig. 3
No crack or marked defect should occur.
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
t : 1.6mm (GRp03/15 : 0.8mm)
Continued from the preceding page.
Continued on the following page.
(in mm)
Fig. 2
GRM Series Specifications and Test Methods
23
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM21A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21A MURATA-GRM21A Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM21A MURATA-GRM21A Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM21A MURATA-GRM21A Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM21A MURATA-GRM21A Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM21A1X1H333JA39 MURATA1-GRM21A1X1H333JA39 Datasheet
785Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM21A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1885C1H2R2CZ01D MURATA-GRM1885C1H2R2CZ01D Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
logo
Murata Manufacturing Co...
LLA31MR71A225MA01 MURATA1-LLA31MR71A225MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
LLA319R71C474MA01 MURATA1-LLA319R71C474MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
LLA31MR71C105MA01 MURATA1-LLA31MR71C105MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
Vishay Siliconix
NONMAGNETICREFSOLD VISHAY-NONMAGNETICREFSOLD Datasheet
178Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
01-Jan-2023
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com