Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCEPI-04 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCEPI-04
Description  Dual In Line Switches - Piano Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCEPI-04 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCEPI-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCEPI-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCEPI-04 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCEPI-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCEPI-04 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCEPI-04 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
19/01/12
19/01/12
02/02/12
Jagan
Farnell
RELEASED
MCEP Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
DRAWN BY:
Ashok
Veena
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Dual In Line Switches - Piano Type
EPI(M)-V_DWG
M10000816
19/01/12
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
2
OF 6
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
02/02/12
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Ashok
19/01/12
EPM
PCB Layout
Schematic (Typical)
2, 4, 6, 8, 10 Positions Available
Dimensions: Millimetres (Inches)


Similar Part No. - MCEPI-04

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
   1310 nm LASER DIODE
MCE-3L4C-001 UOT-MCE-3L4C-001 Datasheet
83Kb / 2P
   1310 nm LED DIODE
MCE-3L4C-002 UOT-MCE-3L4C-002 Datasheet
117Kb / 2P
   1310 nm LED DIODE
More results

Similar Description - MCEPI-04

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
List of Unclassifed Man...
SBS1002T ETC2-SBS1002T Datasheet
1Mb / 1P
   Dual-in-line Switches
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
   PIANO SWITCHES(HALF PITCH)
logo
Copal Electronics
CYP COPAL-CYP Datasheet
942Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CHP COPAL-CHP Datasheet
960Kb / 6P
   PIANO SWITCHES (HALF PITCH)
CFP COPAL-CFP Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com