Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM6202ARWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM6202ARWZ
Description  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6202ARWZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM6202ARWZ Datasheet HTML 1Page - Analog Devices ADUM6202ARWZ Datasheet HTML 2Page - Analog Devices ADUM6202ARWZ Datasheet HTML 3Page - Analog Devices ADUM6202ARWZ Datasheet HTML 4Page - Analog Devices ADUM6202ARWZ Datasheet HTML 5Page - Analog Devices ADUM6202ARWZ Datasheet HTML 6Page - Analog Devices ADUM6202ARWZ Datasheet HTML 7Page - Analog Devices ADUM6202ARWZ Datasheet HTML 8Page - Analog Devices ADUM6202ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual-Channel, 5 kV Isolators with
Integrated DC-to-DC Converter
Data Sheet
ADuM6200/ADuM6201/ADuM6202
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
isoPower integrated, isolated dc-to-dc converter
Regulated 5 V or 3.3 V output
Up to 400 mW output power
Dual dc-to-25 Mbps (NRZ) signal isolation channels
16-lead SOIC wide body package version
16-lead SOIC wide body enhanced creepage version
High temperature operation: 105°C maximum
Safety and regulatory approvals
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 60601-1: 250 V rms, 8 mm package (RI-16-1)
IEC 60950-1: 400 V rms, 8 mm package (RI-16-1)
VDE certificate of conformity (RW-16)
IEC 60747-5-2 (VDE 0884 Part 2):2003-01
VIORM = 846 V peak
VDE certificate of conformity, 8 mm package (RI-16-1)
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
Isolated sensor interfaces
Industrial PLCs
GENERAL DESCRIPTION
The ADuM6200/ADuM6201/ADuM62021 are dual-channel
digital isolators with isoPower®, an integrated, isolated dc-to-dc
converter. Based on the Analog Devices, Inc., iCoupler® technology,
the dc-to-dc converter provides up to 400 mW of regulated, iso-
lated power at either 5.0 V or 3.3 V from a 5.0 V input supply, or
at 3.3 V from a 3.3 V supply at the power levels shown in Table 1.
These devices eliminate the need for a separate, isolated dc-to-dc
converter in low power, isolated designs. The iCoupler chip scale
transformer technology is used to isolate the logic signals and for
the magnetic components of the dc-to-dc converter. The result
is a small form factor, total isolation solution.
The ADuM6200/ADuM6201/ADuM6202 isolators provide two
independent isolation channels in a variety of channel configura-
tions and data rates (see the Ordering Guide for more information).
iso
Power uses high frequency switching elements to transfer power
through its transformer. Special care must be taken during printed
circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.
FUNCTIONAL BLOCK DIAGRAMS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCILLATOR
NC = NO CONNECT
RECTIFIER
2-CHANNEL iCOUPLER CORE
VDD1
REGULATOR
GND1
VIA/VOA
VIB/VOB
RCIN
RCSEL
VE1/NC
GND1
VISO
GNDISO
VIA/VOA
VIB/VOB
NC
VSEL
VE2/NC
GNDISO
ADuM6200/
ADuM6201/
ADuM6202
Figure 1.
3
4
14
13
ADuM6200
VIA
VIB
VOA
VOB
Figure 2. ADuM6200
3
4
14
13
ADuM6201
VIA
VOB
VOA
VIB
Figure 3. ADuM6201
3
4
14
13
ADuM6202
VOA
VOB
VIA
VIB
Figure 4. ADuM6202
Table 1. Power Levels
Input Voltage (V)
Output Voltage (V)
Output Power (mW)
5.0
5.0
400
5.0
3.3
330
3.3
3.3
132
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329; other patents are pending.


Similar Part No. - ADUM6202ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6202ARWZ AD-ADUM6202ARWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6202ARWZ AD-ADUM6202ARWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Similar Description - ADUM6202ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com