Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G5LA-1
Description  A Cubic, Single-pole 10A Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G5LA-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G5LA-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers G5LA-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers G5LA-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers G5LA-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers G5LA-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
99
Text
98
Text
PCB Relay – G5LA
Model
Coil ratings
Contact ratings
G5LA
5 to 48 VDC
NO:
10A, 277VAC, general use, 100,000 cycles
10A, 277VAC, general use, 85ºC, 50,000 cycles (-CF model)
15A, 125VAC, general use, 50,000 cycles
1/2Hp, 125VAC
1/2Hp, 250VAC
200W tungsten, 125VAC, 100,000 cycles
NC:
10A, 125VAC, resistive
10A, 277VAC, general use, 100,000 cycles (-E model)
Approved Standards
UL508 (UL File No. E41643)
Model
Coil ratings
Contact ratings
G5LA
5,6,9,12,18,24,48 VDC
NO:
10A, 250VAC, cosφ=1, 85ºC, 1 sec
- flux protection: 50,000 cycles
- fully sealed: 10,000 cycles
10A, 250VAC, cosφ=1, 85ºC, 5 sec
12A, 125VAC, cosφ=1, 85ºC, 10,000
NC:
10A, 250VAC, cosφ=1, 85ºC, 25,000
NO/NC:
5A, 250VAC, cosφ=1, 85ºC
- flux protection: 50,000 cycles
- fully sealed: 10,000 cycles
EN61810-1 (VDE Reg. No. B652)
Model
Coil ratings
Contact ratings
G5LA
5,9,12,24,48 VDC
NO:
10A, 250VAC, resistive, 10,000 cycles
12A, 120VAC, resistive, 10,000 cycles
NO/NC:
10A, 250VAC, resistive, 10,000 cycles (-E model)
12A, 250VAC, resistive, 10,000 cycles (-E model)
GB15092.1 (CQC File No. CQC06001015477)
Characteristics
Contact resistance
100 mΩ max.
Operate time
10 ms max.
Release time
5 ms max.
Max. switching frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
1,000MΩ min. (at 500 VDC)
Dielectric strength
2,000 VAC. 1mA 50/60Hz for 1 min between coil and contacts
750 VAC 1mA 50/60Hz for 1 min between contacts of same polarity
Vibration resistance
Destruction: 10 to 55Hz, 1.5mm double amplitude
Malfunction: 10 to 55Hz, 1.5mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Endurance
Mechanical: 10,000,000 operations min.
Electrical: 100,000 operations typical
Ambient temperature
Operating: -40° to 85° (with no icing)
Storage: -40° to 85° (with no icing)
Ambient humidity
Operating: 35% to 85%
Storage: 35% to 85%
Weight
Approx. 7.5g
PCB Relay – G5LA
Coil Ratings
Contact Ratings
Item
Standard model
High capacity (-E) model
Contact material
AgSnO
2
Load
Resistive load (cosφ=1)
Rated load
NO
10A at 250VAC
10A at 24VDC
NO/NC
5A/5A at 125VAC
5A/5A at 24VDC
5A/5A at 250VAC
5A/5A at 24VDC
Rated carry current
10A(NO), 5A(NC)
10A
Max. switching voltage
250VAC, 24VDC
Max. switching current
10A(NO), 5A(NC)
10A
Max. switching power
NO
AC2,500VA, DC240W
NO/NC
AC625VA, DC120W
AC1,250VAC, DC120W
Failure rate (reference value)
100 mA at 5 VDC
Rated voltage
5 VDC
9 VDC
12 VDC
24 VDC
48 VDC
Rated current
72 mA
40 mA
30 mA
15 mA
10 mA
Coil resistance
69.4 Ω
225 Ω
400 Ω
1600 Ω
4800 ΩΩ
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
130% of rated voltage at 85˚C, 170% of rated voltage at 23˚C
Power consumption
360 mW
480mW
Note: The rated current and coil resistance are measured at a coil temperature of 23˚C with a tolerance of ±10%.
Note: P level: λ60 = 0.1 x 10-6/operation
Note: Values in the above table are the initial values.
Specifications
Omron 08 Cat 1-302
5/10/07
15:39
Page 98


Similar Part No. - G5LA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA-1 OMRON-G5LA-1 Datasheet
351Kb / 8P
   PCB Relay
G5LA-1 OMRON-G5LA-1 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-1 OMRON-G5LA-1 Datasheet
269Kb / 6P
   PCB Relay
G5LA-1 OMRON-G5LA-1 Datasheet
269Kb / 6P
   PCB Relay
G5LA-1 OMRON-G5LA-1 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
More results

Similar Description - G5LA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com