Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6825TYRJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6825TYRJZ-R7
Description  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6825TYRJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6825TYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 19. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ADM682 x x YRJZ -RL7
ORDERING QUANTITY
RL7: 3,000 PIECE REEL
GENERIC NUMBER
(1 TO 5)
TEMPERATURE RANGE
Y: –40°C TO +125°C
PACKAGE CODE
RJ: 5-LEAD SOT-23
Z: LEAD-FREE
RESET
THRESHOLD
NUMBER
L: 4.63V
M: 4.38V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Y: 2.19V
W: 1.67V
V: 1.58V
Figure 20. Ordering Code Structure
ORDERING GUIDE
Standard Models1
Reset Threshold (V)
Reset Timeout (ms)
Temperature Range
Quantity
Package Option
Branding
ADM6821SYRJZ-
RL72
2.93
140
−40°C to +125°C
3k
RJ-5
N0A
ADM6822SYRJZ-RL72
2.93
140
−40°C to +125°C
3k
RJ-5
N0B
ADM6822TYRJZ-RL72
3.08
140
−40°C to +125°C
3k
RJ-5
N0B
ADM6823SYRJ-R7
2.93
140
−40°C to +125°C
3k
RJ-5
N0C
ADM6823SYRJZ-RL72
2.93
140
−40°C to +125°C
3k
RJ-5
N0Q
ADM6823TYRJ-R7
3.08
140
−40°C to +125°C
3k
RJ-5
N0C
ADM6823TYRJZ-RL72
3.08
140
−40°C to +125°C
3k
RJ-5
N0Q
ADM6824TYRJZ-R72
3.08
140
−40°C to +125°C
3k
RJ-5
N0D
ADM6825TYRJZ-R72
3.08
140
−40°C to +125°C
3k
RJ-5
N0E
1 If ordering nonstandard models, complete the ordering code shown in Figure 20 by inserting the part number and reset threshold suffixes. Contact Sales for
availability of nonstandard models.
2 Z = Pb-free part.


Similar Part No. - ADM6825TYRJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6825TYRJZ-R7 AD-ADM6825TYRJZ-R7 Datasheet
218Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-
REV. B
More results

Similar Description - ADM6825TYRJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6821 AD-ADM6821 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com