Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM483EAR Datasheet(PDF) 5 Page - Analog Devices

Part # ADM483EAR
Description  15,-15 kV ESD Protected, Slew Rate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483EAR Datasheet(HTML) 5 Page - Analog Devices

  ADM483EAR Datasheet HTML 1Page - Analog Devices ADM483EAR Datasheet HTML 2Page - Analog Devices ADM483EAR Datasheet HTML 3Page - Analog Devices ADM483EAR Datasheet HTML 4Page - Analog Devices ADM483EAR Datasheet HTML 5Page - Analog Devices ADM483EAR Datasheet HTML 6Page - Analog Devices ADM483EAR Datasheet HTML 7Page - Analog Devices ADM483EAR Datasheet HTML 8Page - Analog Devices ADM483EAR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM483E
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC to GND
−0.5 V to +6 V
Digital I/O Voltage (DE, RE)
−0.5 V to (VCC + 0.5 V)
Driver Input Voltage (DI)
−0.5 V to (VCC + 0.5 V)
Receiver Output Voltage (RO)
−0.5 V to (VCC + 0.5 V)
Driver Output/Receiver Input Voltage
(Pin A, Pin B)
−9 V to +14 V
ESD Rating: Air (Human Body Model)
(Pin A, Pin B)
±15 kV
Power Dissipation 8-Lead SOIC_N
470 mW
θJA, Thermal Impedance
110°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM483EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM483EAR AD-ADM483EAR Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
More results

Similar Description - ADM483EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
   15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com