Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP431 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP431
Description  High Voltage Adjustable Precision Shunt Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP431 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP431_13 Datasheet HTML 1Page - SYNC POWER Crop. SP431_13 Datasheet HTML 2Page - SYNC POWER Crop. SP431_13 Datasheet HTML 3Page - SYNC POWER Crop. SP431_13 Datasheet HTML 4Page - SYNC POWER Crop. SP431_13 Datasheet HTML 5Page - SYNC POWER Crop. SP431_13 Datasheet HTML 6Page - SYNC POWER Crop. SP431_13 Datasheet HTML 7Page - SYNC POWER Crop. SP431_13 Datasheet HTML 8Page - SYNC POWER Crop. SP431_13 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2013/03/13
Ver.4
Page 4
SP431
High Voltage Adjustable Precision Shunt Regulators
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise specified)
Parameter
Symbol
Value
Unit
Cathode Voltage
VZ
37
V
Continuous Cathode Current
IZ
150
mA
Reference Current
IREF
10
mA
Operation Junction Temperature
Range
TJ
-40 ~ +150
Storage Temperature Range
TSTG
-65 ~ +150
Lead Temperature Range
(Soldering
10sec.)
TSOL
260
Thermal Resistance
ӨJA
140
/W
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage that
exceeds the performance of the protection circuit to the IC.
ELECTRICAL CHARACTERISTICS
(TA=25℃ , Unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
VZ = VREF
IZ = 10mA
SP431AS23RGB
SP431AS89RGB
SP431CAS23RGB
SP431AT92AGB
2.482
2.495
2.508
V
SP431BS23RGB
SP431BS89RGB
SP431CBS23RGB
SP431BT92AGB
2.47
2.495
2.52
Reference Voltage
VREF
VZ = VREF
IZ = 1mA
SP431AS23RGB
SP431AS89RGB
SP431CAS23RGB
SP431AT92AGB
2.482
2.495
2.508
V
SP431BS23RGB
SP431BS89RGB
SP431CBS23RGB
SP431BT92AGB
2.47
2.495
2.52
VREF Temp Deviation
VDEV
TA=-40
~+80
VZ = VREF , IZ = 10mA
10
25
mV
Ratio of change in VREF to change
in Cathode voltage
VREF /
VZ
IZ = 10mA
VZ = 36V ~ VREF
-1.4
-2.7
mV / V
Reference Input
Current
IREF
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
2
4
uA
IREF Temp Deviation
IREF(DEV)
TA=-40
~+80
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
0.8
2.5
uA
Off state Cathode Current
IZ(OFF)
VREF = 0V
VZ
=
36V
0.1
0.5
uA


Similar Part No. - SP431_13

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP431A SYNC-POWER-SP431A Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
SP431AT92AG SYNC-POWER-SP431AT92AG Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
SP431B SYNC-POWER-SP431B Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
SP431BT92AG SYNC-POWER-SP431BT92AG Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SP431CN SIPEX-SP431CN Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
More results

Similar Description - SP431_13

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
   High Voltage Adjustable Precision Shunt Regulators
VER 1.5
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com