Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7251FVM-TR Datasheet(PDF) 2 Page - Rohm

Part # BU7251FVM-TR
Description  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7251FVM-TR Datasheet(HTML) 2 Page - Rohm

  BU7251FVM-TR Datasheet HTML 1Page - Rohm BU7251FVM-TR Datasheet HTML 2Page - Rohm BU7251FVM-TR Datasheet HTML 3Page - Rohm BU7251FVM-TR Datasheet HTML 4Page - Rohm BU7251FVM-TR Datasheet HTML 5Page - Rohm BU7251FVM-TR Datasheet HTML 6Page - Rohm BU7251FVM-TR Datasheet HTML 7Page - Rohm BU7251FVM-TR Datasheet HTML 8Page - Rohm BU7251FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
Absolute maximum ratings (Ta=25[℃])
Rating
Parameter
Symbol
BU7251G,BU7252 F/FVM
BU7231G,BU7232 F/FVM
BU7251SG,BU7252S F/FVM
BU7231SG,BU7232S F/FVM
Unit
Supply Voltage
VDD-VSS
7
V
Differential Input Voltage (*1)
Vid
VDD-VSS
V
Input Common-mode voltage range
Vicm
(VSS-0.3) to VDD+0.3
V
Operating Temperature
Topr
40 to+85
40 to+105
Storage Temperature
Tstg
55 to+125
Maximum junction Temperature
Tjmax
125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absoluted maximum rated temperature environment may cause deterioration of characteristics.
(*1) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more then VEE.
Electrical characteristics
BU7251 family, BU7252 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Guaranteed Limit
BU7251G
BU7251SG
BU7252 F/FVM
BU7252S F/FVM
Parameter
Symbol
Temperature
range
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
Input Offset Voltage (*2)(*4)
Vio
25℃
-
1
11
-
1
11
mV
Input Offset Current (*2)
Iio
25℃
-
1
-
-
1
-
pA
Input Bias Current (*2)
Ib
25℃
-
1
-
-
1
-
pA
Input Common-mode voltage Range
Vicm
25℃
0
-
3
0
-
3
V
(VDD-VSS)=3[V]
Large Signal Voltage Gain
AV
25℃
-
90
-
-
90
-
dB
RL=10[kΩ]
25℃
-
15
35
-
35
65
Supply current(*4)
IDD
full range
-
-
50
-
-
80
µA
RL=∞
Power supply rejection ratio
PSRR
25℃
-
80
-
-
80
-
dB
Common-mode rejection ratio
CMRR
25℃
-
80
-
-
80
-
dB
Output source current (*3)
IOH
25℃
1
2
-
1
2
-
mA
VDD-0.4
Output sink current (*3)
IOL
25℃
3
6
-
3
6
-
mA
VSS+0.4
High Level Output Voltage (*4)
VOH
25℃
VDD-0.1
-
-
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage (*4)
VOL
25℃
-
-
VSS+0.1
-
-
VSS+0.1
V
RL=10[kΩ]
Output rise time
Tr
25℃
-
50
-
-
50
-
ns
CL=15pF 100mV over drive
Output fall time
Tf
25℃
-
20
-
-
20
-
ns
CL=15pF 100mV over drive
Propagation delay L to H
TPLH
25℃
-
0.55
-
-
0.55
-
µs
CL=15pF 100mV over drive
Propagation delay H to L
TPHL
25℃
-
0.25
-
-
0.25
-
µs
CL=15pF 100mV over drive
(*2) Abusolute values
(*3) Reference to power dissipation under the high temperature environment and decide the output current.
Continuous short circuit is occurring the degenerate of output current characteristics.
(*4) Full range BU7251,BU7252:Ta=-40[℃] to +85[℃] BU7251S,BU7252S:Ta=-40[℃] to +105[℃]
Electrical characteristics
BU7231 family, BU7232 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Guaranteed limit
BU7231G
BU7231SG
BU7232F/FVM
BU7232S F/FVM
Parameter
Symbol
Temperature
range
Min.
Min.
Typ.
Max.
Unit
Condition
Input Offset Voltage (*5)
Vio
25℃
-
1
11
-
1
11
mV
Input Offset Current (*5)
Iio
25℃
-
1
-
-
1
-
pA
Input Bias Current (*5)
Ib
25℃
-
1
-
-
1
-
pA
Input Common-mode voltage Range
Vicm
25℃
0
-
3
0
-
3
V
(VDD-VSS)=3[V]
Large Signal Voltage Gain
AV
25℃
-
90
-
-
90
-
dB
RL=10[kΩ]
25℃
-
5
15
-
10
25
Supply current
IDD
full range
-
-
30
-
-
50
µA
RL=∞
Power supply rejection ratio
PSRR
25℃
-
80
-
-
80
-
dB
Common-mode rejection ratio
CMRR
25℃
-
80
-
-
80
-
dB
Output source current (*6)
IOH
25℃
1
2
-
1
2
-
mA
VDD-0.4
Output sink current (*6)
IOL
25℃
3
6
-
3
6
-
mA
VSS+0.4
High Level Output Voltage (*7)
VOH
25℃
VDD-0.1
-
-
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage (*7)
VOL
25℃
-
-
VSS+0.1
-
-
VSS+0.1
V
RL=10[kΩ]
Output rise time
Tr
25℃
-
50
-
-
50
-
ns
CL=15pF 100mV over drive
Output fall time
Tf
25℃
-
20
-
-
20
-
ns
CL=15pF 100mV over drive
Propagation delay L to H
TPLH
25℃
-
1.7
-
-
1.7
-
µs
CL=15pF 100mV over drive
Propagation delay H to L
TPHL
25℃
-
0.5
-
-
0.5
-
µs
CL=15pF 100mV over drive
(*5) Abusolute values
(*6) Reference to power dissipation under the high temperature environment and decide the output current.
Continuous short circuit is occurring the degenerate of output current characteristics.
(*7) Full range BU7231,BU7232:Ta=-40[℃] to +85[℃] BU7231S,BU7232S:Ta=-40[℃] to +105[℃]


Similar Part No. - BU7251FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
BU7251SG ROHM-BU7251SG Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7251FVM-TR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com