Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC700E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC700E
Description  High RF Current/Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC700E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC700E Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC700E Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC700E Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC700E Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC700E Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC700E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ATC 700 E Performance Data
CAPACITANCE (pF)
(1.0 pF to 400 pF)
ESR VS. CAPACITANCE
ATC SERIES 700, CASE E
CAPACITANCE (pF)
(430 pF to 2200 pF)
CAPACITANCE (pF)
(430 pF to 2200 pF)
5
0.01
0.1
1
1
10
100
1000
C
30 MHz
(Typical)
ATCSERIES700,CASEE
100
1000
10000
100000
1
10
100
1000
C
30MHz
(Typical)
0.001
0.01
0.1
100
1000
10000
C
30MHz
(Typical)
,CASEE
10
100
1000
100
1000
10000
C
30MHz
(Typical)
CAPACITANCE (pF)
(1.0 pF to 400 pF)
ESR VS. CAPACITANCE
ATC SERIES 700, CASE E
Q VS. CAPACITANCE
ATC SERIES 700, CASE E
Q VS. CAPACITANCE
ATC SERIES 700, CASE E
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATC700E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC700A ETC2-ATC700A Datasheet
297Kb / 6P
   High Self-Resonance
ATC700A6R8JW150XI ETC2-ATC700A6R8JW150XI Datasheet
297Kb / 6P
   High Self-Resonance
ATC700A6R8JW150XT ETC2-ATC700A6R8JW150XT Datasheet
297Kb / 6P
   High Self-Resonance
ATC700A6R8JW150XTV ETC2-ATC700A6R8JW150XTV Datasheet
297Kb / 6P
   High Self-Resonance
ATC700B ETC2-ATC700B Datasheet
358Kb / 8P
   High Self-Resonance
More results

Similar Description - ATC700E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC100E ETC2-ATC100E Datasheet
250Kb / 6P
   High RF Current/Voltage
ATC100C ETC2-ATC100C Datasheet
329Kb / 6P
   High RF Current/Voltage
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
List of Unclassifed Man...
5500 ETC-5500 Datasheet
31Kb / 1P
   High Current RF Chokes
1120 ETC1-1120 Datasheet
38Kb / 1P
   HIGH CURRENT RF CHOKES
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
   HIGH CURRENT RF CHOKES
logo
ON Semiconductor
2SC4853A ONSEMI-2SC4853A Datasheet
355Kb / 8P
   RF Transistor Low-voltage, low-current operation
August, 2013
logo
Illinois Capacitor, Inc...
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
logo
STMicroelectronics
2N3725 STMICROELECTRONICS-2N3725 Datasheet
88Kb / 6P
   HIGH VOLTAGE, HIGH CURRENT SWITCH
January 1989
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com