Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59701-A90-A62 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B59701-A90-A62
Description  Measurement and Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B59701-A90-A62 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B59701-A90-A62 Datasheet HTML 1Page - List of Unclassifed Manufacturers B59701-A90-A62 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
162
Siemens Matsushita Components
25 V
Applications
q
Limit temperature sensor
Features
q
Thermistor chip with tinned terminations
q
Very small size
q
Fast and reliable response
q
Suitable for reflow soldering
q
Suitable for automatic placement
q
Available on 8-mm blister tape
(standard delivery mode)
1)
VPTC ≤ 2,5 V
2)
VPTC ≤ 7,5 V
3)
TNAT + 25 K
Max. operating voltage
(
TA = 0 … 40 °C)
Vmax
Max. measuring voltage
(
TA – 40 K … TNAT + 15 K) VMeas,max
Rated resistance
(
VPTC ≤ 2,5 V)
RN
Operating temperature range (
V = VMeas,max)
Top
25
7,5
≤ 1
– 25/
TNAT + 15
V
V
k
°C
Type
TNAT ±∆T
°C
R1)
(
TNAT – ∆T)
k
R1)
(
TNAT + ∆T)
k
R 2)
(
TNAT + 15 K)
k
Ordering code
A 701
70
± 5
≤ 5,7
≥ 5,7
≥ 403)
B59701-A70-A62
A 701
90
± 5
≤ 5,5
≥ 13,3
≥ 40
B59701-A90-A62
A 701
100
± 5
≤ 5,5
≥ 13,3
≥ 40
B59701-A100-A62
A 701
110
± 5
≤ 5,5
≥ 13,3
≥ 40
B59701-A110-A62
A 701
120
± 5
≤ 5,5
≥ 13,3
≥ 40
B59701-A120-A62
A 701
130
± 5
≤ 5,5
≥ 13,3
≥ 40
B59701-A130-A62
Kontaktierung
1,25±0,2
TPT0650-F
0,8±0,2
Dimensions (mm)
Termination
Measurement and Control
SMDs
B59701
A 701
Jump to preceding page


Similar Part No. - B59701-A90-A62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B59701-A90-A62 ETC1-B59701-A90-A62 Datasheet
94Kb / 2P
   Measurement and Control SMDs
B59701-A90-A62 ETC2-B59701-A90-A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701-A90-A62 ETC2-B59701-A90-A62 Datasheet
95Kb / 2P
   Measurement and Control
More results

Similar Description - B59701-A90-A62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
logo
List of Unclassifed Man...
B59701 ETC1-B59701 Datasheet
94Kb / 2P
   Measurement and Control SMDs
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
logo
List of Unclassifed Man...
B59901D130A40 ETC-B59901D130A40 Datasheet
138Kb / 2P
   Measurement and Control Probe Assemblies
logo
Toshiba Semiconductor
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com