Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05002 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 05002
Description  CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

05002 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  05002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 6Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 7Page - List of Unclassifed Manufacturers 05002 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
SIZE
A
CODE IDENT NO.
037Z3
DWG NO.
05002
REV E
PAGE
7
TABLE IV. Electrical characteristics.
DSCC
Drawing
05002- 1/
Capacitance
pF
Available
tolerances
ATC
Vendor A
Available voltages
VISHAY
2/
Vendor B
Available voltages
Z
A
B
N
C
K
Z
A
B
N
C
K
25 50 100 150 200 250 25 50 100 150 200 250
0R1- - - -
.1
A, B
● ● ●
0R2- - - -
.2
A, B
● ● ●
0R3- - - -
.3
A, B, C
● ● ●
0R4- - - -
.4
A, B, C
● ● ●
0R5- - - -
.5
A, B, C
● ● ●
0R6- - - -
.6
A, B, C
● ● ●
0R7- - - -
.7
A, B, C
● ● ●
0R8- - - -
.8
A, B, C
● ● ●
0R9- - - -
.9
A, B, C
● ● ●
1R0- - - -
1
A, B, C
● ● ●
● ●
● ●
1R1- - - -
1.1
A, B, C, D
● ● ●
● ●
● ●
1R2- - - -
1.2
A, B, C, D
● ● ●
● ●
● ●
1R3- - - -
1.3
A, B, C, D
● ● ●
● ●
● ●
1R4- - - -
1.4
A, B, C, D
● ●
● ●
1R5- - - -
1.5
A, B, C, D
● ● ●
● ●
● ●
1R6- - - -
1.6
A, B, C, D
● ● ●
● ●
● ●
1R7- - - -
1.7
A, B, C, D
● ●
● ●
1R8- - - -
1.8
A, B, C, D
● ● ●
● ●
● ●
1R9- - - -
1.9
A, B, C, D
● ●
● ●
2R0- - - -
2
A, B, C, D
● ● ●
● ●
● ●
2R1- - - -
2.1
A, B, C, D
● ●
● ●
2R2- - - -
2.2
A, B, C, D
● ● ●
● ●
● ●
2R4- - - -
2.4
A, B, C, D
● ● ●
● ●
● ●
2R7- - - -
2.7
A, B, C, D
● ● ●
● ●
● ●
3R0- - - -
3
A, B, C, D
● ● ●
● ●
● ●
3R3- - - -
3.3
A, B, C, D
● ● ●
● ●
● ●
3R6- - - -
3.6
A, B, C, D
● ● ●
● ●
● ●
3R9- - - -
3.9
A, B, C, D
● ● ●
● ●
● ●
4R3- - - -
4.3
A, B, C, D
● ● ●
● ●
● ●
4R7- - - -
4.7
A, B, C, D
● ● ●
● ●
● ●
5R1- - - -
5.1
A, B, C, D
● ● ●
● ●
● ●
5R6- - - -
5.6
A, B, C, D
● ● ●
● ●
● ●
6R2- - - -
6.2
A, B, C, D
● ● ●
● ●
● ●
6R8- - - -
6.8
B, C, J, K, M
● ● ●
● ●
● ●
7R5- - - -
7.5
B, C, J, K, M
● ● ●
● ●
● ●
8R2- - - -
8.2
B, C, J, K, M
● ● ●
● ●
● ●
9R1- - - -
9.1
B, C, J, K, M
● ● ●
● ●
● ●
100- - - -
10
F, G, J, K, M
● ● ●
● ●
● ●
110- - - -
11
F, G, J, K, M
● ● ●
● ●
● ●
120- - - -
12
F, G, J, K, M
● ● ●
● ●
● ●
130- - - -
13
F, G, J, K, M
● ●
● ●
150- - - -
15
F, G, J, K, M
● ● ●
● ●
● ●
180- - - -
18
F, G, J, K, M
● ● ●
● ●
● ●
200- - - -
20
F, G, J, K, M
● ● ●
● ●
● ●
220- - - -
22
F, G, J, K, M
● ● ●
● ●
● ●
240- - - -
24
F, G, J, K, M
● ● ●
● ●
● ●
270- - - -
27
F, G, J, K, M
● ● ●
● ●
● ●
300- - - -
30
F, G, J, K, M
● ● ●
● ●
● ●
330- - - -
33
F, G, J, K, M
● ● ●
● ●
● ●
See footnote at end of table.


Similar Part No. - 05002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
05002G0F MICROSEMI-05002G0F Datasheet
165Kb / 3P
   Silicon Controlled Rectifier
logo
YEONHO ELECTRONICS
05002HR-00A01 YEONHO-05002HR-00A01 Datasheet
638Kb / 1P
   0.50mm PITCH CONNECTOR
05002HR-00A02 YEONHO-05002HR-00A02 Datasheet
687Kb / 1P
   0.50mm PITCH CONNECTOR
05002HR-04K YEONHO-05002HR-04K Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05002HR-06K YEONHO-05002HR-06K Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
More results

Similar Description - 05002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05001 ETC2-05001 Datasheet
160Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05003 ETC2-05003 Datasheet
135Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0402, HIGH FREQUENCY, BP
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Mixed Signal Integratio...
MSHFS MSI-MSHFS Datasheet
200Kb / 5P
   Selectable High Frequency LP/BP Filter
MSVHFS MSI-MSVHFS Datasheet
80Kb / 9P
   Selectable Very High Frequency LP/BP Filter
logo
Murata Manufacturing Co...
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com