Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM708SAR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADM708SAR-REEL
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708SAR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM708SAR-REEL Datasheet HTML 3Page - Analog Devices ADM708SAR-REEL Datasheet HTML 4Page - Analog Devices ADM708SAR-REEL Datasheet HTML 5Page - Analog Devices ADM708SAR-REEL Datasheet HTML 6Page - Analog Devices ADM708SAR-REEL Datasheet HTML 7Page - Analog Devices ADM708SAR-REEL Datasheet HTML 8Page - Analog Devices ADM708SAR-REEL Datasheet HTML 9Page - Analog Devices ADM708SAR-REEL Datasheet HTML 10Page - Analog Devices ADM708SAR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 7 of 16
RESET
TOP VIEW
(Not to Scale)
1
8
2
3
4
5
7
6
PFO
NC
VCC
MR
GND
PFI
NC = NO CONNECT
RESET
ADM708R/
ADM708S/
ADM708T
Figure 5. ADM708R/ADM708S/ADM708T
Table 4. Pin Function Descriptions ADM708R/ADM708S/ADM708T
Pin No.
Mnemonic
Description
1
MR
Manual Reset Input. When taken below 0.6 V, a RESET/RESET is generated. MR can be driven from TTL, CMOS
logic, or from a manual reset switch because it is internally debounced. An internal 70 μA pull-up current holds
the input high when floating.
2
VCC
Power Supply Input.
3
GND
Ground. Ground reference for all signals (0 V).
Power-Fail Input. PFI is the noninverting input to the power-fail comparator. When PFI is less than 1.25 V, PFO
goes low. If unused, PFI should be connected to GND.
4
PFI
5
PFO
Power-Fail Output. PFO is the output from the power-fail comparator. It goes low when PFI is less than 1.25 V.
6
NC
No Connect.
7
RESET
Logic Output. RESET goes low for 200 ms when triggered. It is triggered either by VCC being below the reset
threshold or by a low signal on the MR input. RESET remains low whenever VCC is below the reset threshold. It
remains low for 200 ms after VCC goes above the reset threshold or MR goes from low to high. A watchdog
timeout does not trigger RESET unless WDO is connected to MR.
8
RESET
Logic Output. RESET is an active high output suitable for systems that use active high reset logic. It is the
inverse of RESET.


Similar Part No. - ADM708SAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM708SAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com