Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN6338 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN6338
Description  Dual N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN6338 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN6338 Datasheet HTML 1Page - SYNC POWER Crop. SPN6338 Datasheet HTML 2Page - SYNC POWER Crop. SPN6338 Datasheet HTML 3Page - SYNC POWER Crop. SPN6338 Datasheet HTML 4Page - SYNC POWER Crop. SPN6338 Datasheet HTML 5Page - SYNC POWER Crop. SPN6338 Datasheet HTML 6Page - SYNC POWER Crop. SPN6338 Datasheet HTML 7Page - SYNC POWER Crop. SPN6338 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2013/06/24
Ver. Preliminary
Page 1
SPN6338
Dual N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN6338 is the Dual N-Channel enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology. This high density
process is especially tailored to minimize on-state
resistance and provide superior switching performance.
These devices are particularly suited for low voltage
applications
such
as
notebook
computer
power
management and other battery powered circuits where
high-side switching , low in-line power loss, and
resistance to transients are needed.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION( SOT-363 / SC-70-6L)
N-Channel
30V/0.95A,RDS(ON)=550mΩ@VGS=4.5V
30V/0.75A,RDS(ON)=650mΩ@VGS=2.5V
30V/0.65A,RDS(ON)=850mΩ@VGS=1.8V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-363 (SC-70-6L) package design
PART MARKING


Similar Part No. - SPN6338

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN6335 SYNC-POWER-SPN6335 Datasheet
204Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN6335S36RG SYNC-POWER-SPN6335S36RG Datasheet
204Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN6335S36RG SYNC-POWER-SPN6335S36RG Datasheet
186Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN6335S36RGB SYNC-POWER-SPN6335S36RGB Datasheet
186Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN6335 SYNC-POWER-SPN6335_10 Datasheet
186Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN6338

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com