Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1H104K Datasheet(PDF) 10 Page - Texas Instruments

Part # C1608X7R1H104K
Description  USER GUIDE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608X7R1H104K Datasheet(HTML) 10 Page - Texas Instruments

Back Button C1608X7R1H104K Datasheet HTML 6Page - Texas Instruments C1608X7R1H104K Datasheet HTML 7Page - Texas Instruments C1608X7R1H104K Datasheet HTML 8Page - Texas Instruments C1608X7R1H104K Datasheet HTML 9Page - Texas Instruments C1608X7R1H104K Datasheet HTML 10Page - Texas Instruments C1608X7R1H104K Datasheet HTML 11Page - Texas Instruments C1608X7R1H104K Datasheet HTML 12Page - Texas Instruments C1608X7R1H104K Datasheet HTML 13Page - Texas Instruments C1608X7R1H104K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Weigh Scale Mode
www.ti.com
2.4.1
Parameters
Display units: The units to use when displaying mass. Available units are
μg (displayed as ug), mg, g, kg,
ounces (oz), pounds, (lb), and stone (st). See Section 2.1 for details.
Averages: Number of points to use when reading weight. The choices available are 2, 4, 8, 10, 16, 32,
50, 64, 100, and 128. The default is 50.
ADC speed: This parameter selects between the two data rates on the ADS1232, which are called
high-speed and low-speed. When high-speed mode is selected, FAST is shown; for low-speed mode, SLOW
is shown.(1)
The actual data rate of the ADS1232 depends on the frequency of the master clock, f
CLK. In fast mode, the
data rate is f
CLK/61440; in slow mode, the data rate is fCLK/491520. See the ADS1232 data sheet for further
information.
The default setting is low-speed mode.
Calibration weight: This parameter gives the expected mass of the calibration weight used in the
calibration procedure (Section 2.3). The calibration mass can be given in any of the available units, in
three significant figures. The unit is independent of the display unit.
Each digit in the mass is adjusted separately. The currently-selected digit flashes, and can be adjusted
with the PARM buttons. The VALUE buttons are used to select the digit. The unit is adjusted in the same
manner, and flashes when selected.
When the unit is changed, the value changes to the equivalent mass in the new unit.
Channel Selection: This parameter selects between the two analog input channels. Channel 1 uses
either the header or the IN1 connections on the terminal block. Channel 2 uses the IN2 connections on
the terminal block.
Offset calibration: This screen has the same function as it does in Analysis mode. See Calibration for
information.
Save parameters: This screen allows the settings of the ADS1232REF to be stored in flash memory. It
functions the same as it does in Analysis mode. When either PARM button is pressed on this screen, the
ADS1232REF saves its settings to flash memory. These settings are loaded from flash memory when the
board is reset or powered on. All operating parameters are saved, including scale calibration settings,
voltage reference, display mode, and units.
Version number: This screen displays the version number of the ADS1232REF firmware.
(1)
The ADS1232REF cannot detect the frequency of the ADS1232 master clock, so it cannot display the actual data rate of the ADS1232
device.
10
ADS1232REF User
's Guide
SBAU120B
– November 2005 – Revised July 2011
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Texas Instruments
C1608X7R1H104K TI1-C1608X7R1H104K Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
TDK Electronics
C1608X7R1H104K TDK-C1608X7R1H104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
   STK503 User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com