Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM706RANZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM706RANZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706RANZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM706RANZ Datasheet HTML 2Page - Analog Devices ADM706RANZ Datasheet HTML 3Page - Analog Devices ADM706RANZ Datasheet HTML 4Page - Analog Devices ADM706RANZ Datasheet HTML 5Page - Analog Devices ADM706RANZ Datasheet HTML 6Page - Analog Devices ADM706RANZ Datasheet HTML 7Page - Analog Devices ADM706RANZ Datasheet HTML 8Page - Analog Devices ADM706RANZ Datasheet HTML 9Page - Analog Devices ADM706RANZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 6 of 16
TOP VIEW
(Not to Scale)
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RESET
ADM706P
1
2
3
4
5
8
7
6
PFO
MR
WDI
WDO
VCC
GND
PFI
RESET
1
TOP VIEW
(Not to Scale)
2
3
4
5
8
7
6
PFO
MR
WDI
VCC
GND
PFI
WDO
ADM706R/
ADM706S/
ADM706T
Figure 3. ADM706P
Figure 4. ADM706R/ADM706S/ADM706T
Table 3. Pin Function Descriptions ADM706P/ADM706R/ADM706S/ADM706T
Pin No.
Mnemonic
Description
1
MR
Manual Reset Input. When taken below 0.6 V, a RESET/RESET is generated. MR can be driven
from TTL, CMOS logic, or from a manual reset switch because it is internally debounced. An
internal 70 μA pull-up current holds the input high when floating.
2
VCC
Power Supply Input.
3
GND
Ground. Ground reference for all signals (0 V).
4
PFI
Power-Fail Input. PFI is the noninverting input to the power-fail comparator. When PFI is less
than 1.25 V, PFO goes low. If unused, PFI should be connected to GND.
5
PFO
Power-Fail Output. PFO is the output from the power-fail comparator. It goes low when PFI is
less than 1.25 V.
6
WDI
Watchdog Input. If WDI remains either high or low for longer than the watchdog timeout
period, the watchdog output, WDO, goes low. The timer resets with each transition at the WDI
input. Either a high-to-low or a low-to-high transition clears the counter. The internal timer is
also cleared whenever reset is asserted.
7 (ADM706R/ADM706S/
ADM706T Only)
RESET
Logic Output. RESET goes low for 200 ms when triggered. It is triggered either by VCC being
below the reset threshold or by a low signal on the MR input. RESET remains low whenever VCC
is below the reset threshold. It remains low for 200 ms after VCC goes above the reset threshold
or MR goes from low to high. A watchdog timeout does not trigger RESET unless WDO is
connected to MR.
7 (ADM706P Only)
RESET
Logic Output. RESET is an active high output suitable for systems that use active high reset
logic. It is the inverse of RESET.
8
WDO
Watchdog Output. WDO goes low if the internal watchdog timer times out as a result of
inactivity on the WDI input. It remains low until the watchdog timer is cleared. WDO also goes
low during low line conditions. Whenever VCC is below the reset threshold, WDO remains low. As
soon as VCC goes above the reset threshold, WDO goes high immediately.


Similar Part No. - ADM706RANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RANZ AD-ADM706RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM706RANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com