Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP4
Description  Industrial Test Leads, Probes & Clips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TL27 Heavy Duty Test Lead Set
DMM test leads (red, black) with safety
shrouded, standard diameter
banana plugs
Heavy duty EPDM insulation
Length 1.5 m
CAT III 1000 V, 10 A rating.
UL listed
TL71 Premium Test Lead Set
One pair (red, black) comfort
grip probes with
silicone insulated,
right-angle test
leads
Recommended for µV
measurements
CAT IV 600 V, CAT III 1000 V,
10 A rating. UL listed
TL75 Hard Point™ Test Lead Set
One pair (red, black) comfort grip
probes with PVC insulated,
test leads with right-
angle shrouded
banana plugs
Recommended for
general purpose
measurements
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TL76 All-in-one Test Lead Set
One pair (red, black) 1.5 meter
long silicone test leads
with right angle
shrouded banana
plug
Lantern tip
(removable) for use with
European wall sockets
(4 mm Ø )
Lantern tip can be
removed for easy access
to terminal blocks
(2 mm Ø)
Removable, insulated IC caps allow probing
on closely spaced leads and compliance
with GS38.
Cat IV 600 V, CAT III 1000 V, 10 A rating, UL
listed
TL221 SureGrip™ Extension Lead Set
One pair (red, black) of silicone
insulated leads with straight
connectors on both ends
Reinforced strain relief
Includes one pair (red, black) of
female couplers
Extends test leads by 1.5 m
600 V CAT IV, 1000 V CAT III,
10 A rating. UL listed
TL222 SureGrip™
Silicone Test Lead Set
DMM test leads (red, black) with
safety shrouded, standard
diameter banana plugs
Right angle connector on both
ends
Reinforced strain relief
1.5 meter silicone-insulated wire
resists heat & cold
CAT IV 600 V, CAT III 1000 V, 10 A
rating. UL listed
TL224 SureGrip™ Silicone Test
Lead Set
DMM test leads (red, black) with
safety shrouded, standard
diameter banana plugs
Right angle connector on one end
and straight connector on the other
Reinforced strain relief
1.5 meter silicone-insulated wire
resists heat & cold
CAT IV 600 V, CAT III 1000 V, 10 A
rating. UL listed
TL220 SureGrip™ Industrial Test
Lead Kit
Handy all-in-one kit that includes :
AC220 SureGrip™ Alligator Clip Set
TP220 SureGrip™ Test Probe Set
TL222 SureGrip™ Silicone Test
Lead Set (right to right)
TL223 SureGrip™ Electrical Test
Lead Kit
Handy all-in-one kit that includes :
AC220 SureGrip™ Alligator Clip
Set
TP1 Slim-Reach™ Test
Probes (flat bladed)
TL224 SureGrip™ Silicone
Test Lead Set (straight to
right)
Industrial Test Leads,
Probes & Clips
Test Leads
Modular Test Leads
Kits
SureGrip™ accessories are designed
to improve steadiness in slippery
hands. Rubber overmolded surfaces
and finger-hugging curves give the
user a comfortable, reliable grip on
the accessory so they can focus on
making an accurate measurement.


Similar Part No. - TP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
TiMOTION Technology Co....
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
   Operational temperature range 5°C~45°C
20220207-I
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
   78 and 88V Automotive Meters
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
   Type K Pipe Clamp Temperature Probe
More results

Similar Description - TP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC285 ETC2-AC285 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Schurter Inc.
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
logo
List of Unclassifed Man...
501791 ETC2-501791 Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
logo
Schurter Inc.
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
M-System Co.,Ltd.
HCLLEAD MSYSTEM-HCLLEAD Datasheet
66Kb / 1P
   TEST LEADS
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
   TP175 TwistGuard™ Test Probes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com