Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM706PANZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM706PANZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706PANZ Datasheet(HTML) 3 Page - Analog Devices

  ADM706PANZ Datasheet HTML 1Page - Analog Devices ADM706PANZ Datasheet HTML 2Page - Analog Devices ADM706PANZ Datasheet HTML 3Page - Analog Devices ADM706PANZ Datasheet HTML 4Page - Analog Devices ADM706PANZ Datasheet HTML 5Page - Analog Devices ADM706PANZ Datasheet HTML 6Page - Analog Devices ADM706PANZ Datasheet HTML 7Page - Analog Devices ADM706PANZ Datasheet HTML 8Page - Analog Devices ADM706PANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 3 of 16
SPECIFICATIONS
VCC = 2.70 V to 5.5 V (ADM706P/ADM70xR), VCC = 3.00 V to 5.5 V (ADM70xS), VCC = 3.15 V to 5.5 V (ADM70xT), TA = TMIN to TMAX
unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VCC Operating Voltage Range
1.0
5.5
V
Supply Current
100
200
μA
VCC < 3.6 V
150
350
μA
VCC < 5.5 V
LOGIC OUTPUT
Reset Threshold (VRST)
2.55
2.63
2.70
V
ADM706P/ADM70xR
2.85
2.93
3.00
V
ADM70xS
3.00
3.08
3.15
V
ADM70xT
Reset Threshold Hysteresis
20
mV
RESET PULSE WIDTH
160
200
280
ms
ADM706P/ADM70xR, VCC = 3 V
160
200
280
ms
ADM70xS/ADM70xT, VCC = 3.3 V
200
ms
VCC = 5.0 V
RESET OUTPUT VOLTAGE
(ADM70xR/ADM70xS/ADM70xT)
VOH
0.8 × VCC
V
VRST (max) < VCC < 3.6 V, ISOURCE = 500 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA
VOH
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 3.2 mA
VOL
0.3
V
VCC = 1 V, ISINK = 100 μA
RESET OUTPUT VOLTAGE (ADM706P)
VOH
VCC − 0.6 V
V
VRST (max) < VCC < 3.6 V, ISOURCE = 215 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA
VOH
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 3.2 mA
RESET OUTPUT VOLTAGE (ADM708x)
VOH
0.8 × VCC
V
VRST (max) < VCC < 3.6 V, ISOURCE = 500 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 500 μA
VOH
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 1.2 mA
WATCHDOG INPUT (ADM706x)
Watchdog Timeout Period
1.00
1.60
2.25
sec
ADM706P/ADM706R: VCC = 3 V;
ADM706S/ADM706T: VCC = 3.3 V;
VIL = 0.4 V, VIH = VCC × 0.8 V
WDI Pulse Width
100
ns
VRST (max) < VCC < 3.6 V
50
ns
4.5 V < VCC < 5.5 V
WDI Input Threshold
VIL
0.6
V
VRST (max) < VCC < 3.6 V
VIH
0.7 × VCC
V
VRST (max) < VCC < 3.6 V
VIL
0.8
V
VCC = 5.0 V
VIH
3.5
V
VCC = 5.0 V
WDI Input Current
−1.0
+0.02
+1.0
μA
WDI = 0 V or VCC
WDO OUTPUT VOLTAGE
VOH
0.8 × VCC
V
VRST (max) < VCC < 3.6 V, ISOURCE = 500 μA
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 500 μA
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 1.2 mA


Similar Part No. - ADM706PANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706PANZ AD-ADM706PANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM706PANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com