Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3153EIBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3153EIBZ
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3153EIBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3153EIBZ Datasheet HTML 1Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 2Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 3Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 4Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3153EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
±16.5kV ESD, Large Output Swing, 5V, Full
Fail-Safe, 1/8 Unit Load, RS-485/RS-422
Transceivers
ISL3150E, ISL3152E, ISL3153E,
ISL3155E, ISL3156E, ISL3158E
The ISL315xE are IEC61000 ESD protected, 5V
powered transceivers that meet the RS-485 and RS-422
standards for balanced communication. Driver outputs
and receiver inputs are protected against ±16.5kV ESD
strikes without latch-up.
Transmitters in this family deliver exceptional differential
output voltages (2.4V min), into the RS-485 required
54Ω load, for better noise immunity, or to allow up to
eight 120Ω terminations in “star” topologies.
These devices have very low bus currents so they
present a true “1/8 unit load” to the RS-485 bus. This
allows up to 256 transceivers on the network without
using repeaters.
Receiver (Rx) inputs feature a “Full Fail-Safe” design,
which ensures a logic high Rx output if Rx inputs are
floating, shorted, or on a terminated but undriven bus.
Rx outputs feature high drive levels - typically 28mA @
VOL = 1V (to ease the design of optocoupled isolated
interfaces).
Half duplex (Rx inputs and Tx outputs multiplexed
together) and full duplex pinouts are available. See
Table 1 on page 2 for key features and configurations by
device number.
Features
•High Driver VOD . . . . . . . 2.4V (Min) @ RD = 54Ω
Better Noise Immunity, or Drive Up to 8 Terminations
• ±16.5kV IEC61000 ESD Protection on I/O Bus Pins
• High Transient Overvoltage Tolerance . . . . ±100V
• Full Fail-safe (Open, Short, Terminated) Receivers
•High Rx IOL for Opto-Couplers in Isolated Designs
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• True 1/8 Unit Load for up to 256 Devices on the Bus
• High Data Rates . . . . . . . . . . . . . . up to 20Mbps
• Low Quiescent Supply Current . . . . . . . . . 600µA
Ultra Low Shutdown Supply Current . . . . . . 70nA
Applications*(see page 17)
• Utility Meters/Automated Meter Reading Systems
• High Node Count Systems
• PROFIBUS® and Field Bus Networks, and Factory
Automation
• Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
Exceptional Tx Drives Up To 8
Terminations While Still
Delivering 1.5V VOD
Large VOD Delivers Superior
Signal At Cable End For
Enhanced Noise Immunity
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
123
45
0
10
40
60
80
100
120
140
30
50
70
90
110
130
20
8 TERMS
6 TERMS
2 TERMS
1 TERM
1.5
20ns/DIV
-3
-1
0
1
3
-2
2
20Mbps, 150’ UTP, DOUBLE 120Ω TERMS
ISL3158E
STANDARD
1.5V TX
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006-2009 All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 30, 2009
FN6363.2


Similar Part No. - ISL3153EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3153EIBZ INTERSIL-ISL3153EIBZ Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3153EIBZ INTERSIL-ISL3153EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3153EIBZ INTERSIL-ISL3153EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3153EIBZ INTERSIL-ISL3153EIBZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3153EIBZ-T RENESAS-ISL3153EIBZ-T Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3153EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com