Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101-ADJ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL80101-ADJ
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101-ADJ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL80101-ADJ Datasheet HTML 1Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 2Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 3Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 4Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 5Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 6Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 7Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 8Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL80101
3
FN6931.1
August 31, 2011
Pin Configurations
ISL80101
(10 LD 3X3 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
VOUT
VOUT
SENSE
PG
GND
VIN
VIN
NC
ENABLE
SS
EPAD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VOUT
Regulated output voltage. A minimum 10µF X5R/X7R output capacitor is required for stability. See “External
Capacitor Requirements” on page 8 for more details.
3
SENSE
The PGOOD circuit uses this input to monitor the output voltage status, providing a remote voltage sense.
4
PG
This is an open drain logic output used to indicate the status of the output voltage. Logic low indicates VOUT is not
in regulation. This pin must be grounded if not used.
5GND
Ground.
6
SS
External capacitor on this pin adjusts startup ramp and controls inrush current.
7ENABLE
VIN independent chip enable. TTL and CMOS compatible.
8
NC
No connection. Leave floating.
9, 10
VIN
Input supply. A minimum of 10µF X5R/X7R input capacitor is required for proper operation. See “External
Capacitor Requirements” on page 8 for more details.
-
EPAD
EPAD at ground potential. It is recommended to solder the EPAD to the ground plane.


Similar Part No. - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
More results

Similar Description - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com