Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKCM6432T Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AKCM6432T
Description  512KB SECONDARY CACHE MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AKCM6432T Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AKCM6432T_09 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T_09 Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5 New Pasture Road • Newburyport, MA 01950-4040 • Phone: 978-465-6200 • Fax: 978-462-3396 • www.accutekmicro.com
ACCUTEK
ACCUTEK
MICROCIRCUIT CORPORATION
AKCM6432T
512KB SECONDARY CACHE MODULE
FOR THE PENTIUM CPU AND 82430 PCISETS
FEATURES
• 64K x 64 Configuration
• 16K x 11 Tag SRAM Field
• Low profile card edge module with 160 leads
• Separate 5V and 3.3V power supplies
• Multiple GND pins and decoupling capacitors for maximum noise immunity.
• Synchronous SRAM with Burst Counter
DESCRIPTION
The AKCM6432T Module uses four 32K x 32 pipelined burst RAMs in surface
mount packages mounted on a multi-layer FR4 board. In addition, it uses two 5V 8 -bit
wide SRAMs to achieve an eleven bit tag field. Four PD (presence detect) input pins
allow the system to determine the particular cache configuration. The low profile card
edge package allows 160 single leads to be placed on a package 4.35” long, a
maximum of 0.350” thick and a maximum of 1.14” tall. All inputs and outputs are TLL-
compatible, and operate from separate 5V (+/- 5%) and 3.3V (+10/-5%) power supplies.
Multiple GND pins and on-board decoupling capacitors ensure maximum protection
from noise.


Similar Part No. - AKCM6432T_09

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AKC ARCH-AKC Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12D ARCH-AKC-12D Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12S ARCH-AKC-12S Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12S ARCH-AKC-12S Datasheet
252Kb / 4P
   AC-DC Power Module
AKC-15D ARCH-AKC-15D Datasheet
392Kb / 5P
   AC-DC Power Module
More results

Similar Description - AKCM6432T_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
logo
Integrated Device Techn...
IDT7MPV6253 IDT-IDT7MPV6253 Datasheet
84Kb / 7P
   256KB AND 512KB SECONDARY CACHE MODULES FOR THE PowerPCO
logo
Motorola, Inc
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com