Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK22D300-DFN Datasheet(PDF) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK22D300-DFN
Description  Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK22D300-DFN Datasheet(HTML) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK22D300-DFN Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK22D300-DFN Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAGE 4 ACCUTEKMICRO.COM 3/2012(CSP04)
AK16D300-QFN/MLP 3X3
3MM-16 PIN QFN/MLP 0.5MM PITCH TO DIP
7.62 mm
2.03 mm
3.18 mm
2.54 mm
7.62 mm
20.32 mm
10.16 mm
AK16D300-QFN5X5
3.94 mm
2.03 mm
3.18 mm
2.54 mm
16 PIN QUAD FLAT NO-LEAD PACKAGE 0.8mm PITCH TO DIP
0.8mm
(0.0315")
5.96 mm
7.62 mm
2.03 mm
3.18 mm
2.54 mm
AK16D300-QFN/MLP 4X4
4MM-16 PIN QFN/MLP 0.65MM PITCH TO 16 PIN DIP
10.16 mm
10.16 mm
7.62 mm
30.48 mm
10.16 mm
3.18 mm
2.03 mm
2.54 mm
AK24D300-LLP
LEADLESS LEADFRAME PACKAGE(5 X 4)
TO 24 PIN DIP
0.50 mm
2.26 mm
3.95 mm
20.32 mm
0.65 mm
4.80 mm
3.20 mm
20.32 mm
27.94 mm
3.18 mm
2.03 mm
2.54 mm
7.62 mm
10.16 mm
3.61 mm
2.29 mm
AK22D300-DFN
22 PIN DFN 0.65MM PITCH TO DIP
0.50 mm
5.61 mm
4.60 mm
4.01 mm
3.00 mm
0.50 mm
AK16D300-LLP4X4
7.62 mm
20.32 mm
2.54 mm
LEADLESS LEADFRAME PACKAGE (4 X 4)
TO 16 PIN DIP
2.21 mm
0.50 mm
7.62 mm


Similar Part No. - AK22D300-DFN

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK22D300-DFN ACCUTEK-AK22D300-DFN Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
More results

Similar Description - AK22D300-DFN

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP ACCUTEK-AK08D300-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com