Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK14D300-HSOP Datasheet(PDF) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK14D300-HSOP
Description  Small Outline Package SOIC, SOJ and PLCC DIP Adapters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK14D300-HSOP Datasheet(HTML) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

Back Button AK14D300-HSOP Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 10Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-HSOP Datasheet HTML 11Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0.200"
0.350"
0.400"
PAGE 7 ACCUTEKMICRO.COM 6/2012(SPD-07)
0.600"
1.400"
AK28DW600-PLCC
0.700"
0.525"
0.100"
0.080"
0.125"
28 PIN PLCC TO DIP (MACHINED PINS)
0.600"
1.400"
AK28DS600-PLCC
(with PLCC Socket included)
0.700"
0.250"
0.125"
28 PIN SOJ SOCKET TO DIP
0.600"
1.600"
AK32D600-SOIC-G
0.700"
0.100"
0.080"
0.125"
32 PIN SOIC TO DIP
0.550"
0.250"
0.050"
0.600"
1.600"
AK32D600-SOIC
0.700"
0.100"
0.080"
0.125"
0.550"
0.250"
0.050"
32 PIN SOIC OR TSOP2 TO DIP
FOR 512K x 8 SRAM
0.600"
1.600"
AK68128-512-D32
0.700"
0.100"
0.110"
0.125"
0.600"
0.300"
0.050"
32 PIN SOIC TO DIP
FOR 128K x 8 SRAM
AK32D300-SRAM
0.300"
1.600"
0.110"
0.125"
0.100"
32 PIN SRAM-SOJ TO .300" DIP
0.050"


Similar Part No. - AK14D300-HSOP

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK14D300-HSOP ACCUTEK-AK14D300-HSOP Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
More results

Similar Description - AK14D300-HSOP

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
28-450001-10 ARIES-28-450001-10 Datasheet
429Kb / 1P
   SOIC and SOJ-to-DIP Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
   Micro Small Outline Package MSOP DIP Adapters
AK08D300-TSOP ACCUTEK-AK08D300-TSOP_12 Datasheet
545Kb / 5P
   Thin Small Outline Package TSOP DIP Adapters
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
logo
Aries Electronics, Inc.
18010 ARIES-18010 Datasheet
503Kb / 1P
   Series 350000 SOIC and SOJ-to-DIP Adapter
18011 ARIES-18011 Datasheet
483Kb / 1P
   Series 450001 and 650000 SOIC and SOJ-to-DIP Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com