Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK14D300-NSO Datasheet(PDF) 8 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK14D300-NSO
Description  Small Outline Package SOIC, SOJ and PLCC DIP Adapters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK14D300-NSO Datasheet(HTML) 8 Page - ACCUTEK MICROCIRCUIT CORPORATION

Back Button AK14D300-NSO Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 10Page - ACCUTEK MICROCIRCUIT CORPORATION AK14D300-NSO Datasheet HTML 11Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PAGE 8 ACCUTEKMICRO.COM 6/2012(SPD-08)
AK32D400-SRAM
0.400"
1.600"
0.500"
AK32D300-S0J
0.300"
1.600"
0.110"
0.125"
0.100"
0.100"
0.080"
0.125"
32 PIN SOJ TO .300" DIP
32 PIN SRAM-SOJ TO 0.400" DIP
0.600"
1.600"
AK32DW600-PLCC
0.700"
0.500"
0.600"
1.600"
AK32DS600-PLCC
(with PLCC Socket included)
0.700"
0.250"
0.100"
0.100"
0.080"
0.125"
0.125"
32 PIN PLCC TO DIP (MACHINED PINS)
32 PIN PLCC SOCKET TO DIP
0.600"
0.050"
0.050"
0.050"
1.600"
0.600"
0.126"
0.100"
0.475" 0.345"
0.050"
0.400"
0.350"
0.200"
AK32D600-PLCC
32 PIN PLCC TO DIP (FLAT PINS)
AK32D400-SOJ
0.400"
1.600"
0.500"
0.100"
0.080"
0.125"
32 PIN SOJ TO .400" DIP
0.050"
0.350"
0.200"
0.335"
0.155"


Similar Part No. - AK14D300-NSO

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK14D300-NSO ACCUTEK-AK14D300-NSO Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
More results

Similar Description - AK14D300-NSO

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
28-450001-10 ARIES-28-450001-10 Datasheet
429Kb / 1P
   SOIC and SOJ-to-DIP Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
   Micro Small Outline Package MSOP DIP Adapters
AK08D300-TSOP ACCUTEK-AK08D300-TSOP_12 Datasheet
545Kb / 5P
   Thin Small Outline Package TSOP DIP Adapters
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
logo
Aries Electronics, Inc.
18010 ARIES-18010 Datasheet
503Kb / 1P
   Series 350000 SOIC and SOJ-to-DIP Adapter
18011 ARIES-18011 Datasheet
483Kb / 1P
   Series 450001 and 650000 SOIC and SOJ-to-DIP Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com