Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK04D300-SOT Datasheet(PDF) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK04D300-SOT
Description  SOT Component Package Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK04D300-SOT Datasheet(HTML) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK04D300-SOT Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-SOT Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-SOT Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-SOT Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE 4 ACCUTEKMICRO.COM 6/2012(SOT4)
0.300"
0.400"
0.125"
AK08D300SOT
0.080"
0.400"
0.025"
0.170"
0.070"
0.100"
8 PIN SOT TO DIP
AK06Z-SOT
0.300"
0.100"
0.025"
0.050"
0.100"
0.100"
0.038"
6 Pin SOT to 6 Pin ZIP
0.025"
AK07Z-SOT223-7P
0.450"
0.100"
0.050"
0.100"
7 Pin SOT 223 to 7 Pin ZIP
0.300"
0.300"
0.125"
AK06D300-2-SOT
0.080"
0.400"
0.100"
0.038"
0.100"
TWO 3 PIN SOT23s TO 6 PIN DIP
0.300"
0.400"
0.125"
AK08D300-SOT
0.080"
0.400"
0.025"
0.050"
0.119"
0.100"
8 PIN SOT TO DIP


Similar Part No. - AK04D300-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
123Kb / 4P
   SOT Component Package Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT_13 Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
More results

Similar Description - AK04D300-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK03G-SOT23 ACCUTEK-AK03G-SOT23_09 Datasheet
123Kb / 4P
   SOT Component Package Adapters
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
MMBZ5240B KEC-MMBZ5240B Datasheet
17Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com